Electronic Components Datasheet Search
  English  ▼

X  

CMKD3003DO Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMKD3003DO
Description  SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMKD3003DO Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMKD3003DO Datasheet HTML 1Page - Central Semiconductor Corp CMKD3003DO Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMKD3003DO
SURFACE MOUNT
DUAL, ISOLATED, OPPOSING
LOW LEAKAGE SILICON
SWITCHING DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMKD3003DO
contains two (2) Isolated Opposing Silicon Switching
Diodes, manufactured by the epitaxial planar process,
epoxy molded in a ULTRAmini™ surface mount
package. These devices are designed for switching
applications requiring extremely low leakage.
MARKING CODE: C303
SOT-363 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
180
V
Average Rectified Current
IO
200
mA
Continuous Forward Current
IF
600
mA
Peak Repetitive Forward Current
IFRM
700
mA
Peak Forward Surge Current, tp=1.0µs
IFSM
2.0
A
Peak Forward Surge Current, tp=1.0s
IFSM
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=125V
1.0
nA
IR
VR=125V, TA=150°C
3.0
µA
IR
VR=180V
10
nA
IR
VR=180V, TA=150°C
5.0
µA
BVR
IR=5.0µA
200
V
VF
IF=1.0mA
0.62
0.72
V
VF
IF=10mA
0.72
0.83
V
VF
IF=50mA
0.80
0.89
V
VF
IF=100mA
0.83
0.93
V
VF
IF=200mA
0.87
1.10
V
VF
IF=300mA
0.90
1.15
V
CT
VR=0, f=1.0MHz
4.0
pF
R0 (19-September 2011)
www.centra lsemi.com


Similar Part No. - CMKD3003DO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKD3003DO CENTRAL-CMKD3003DO_15 Datasheet
494Kb / 2P
LOW LEAKAGE SILICON SWITCHING DIODES
More results

Similar Description - CMKD3003DO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD6001DO CENTRAL-CMLD6001DO Datasheet
89Kb / 2P
SURFACE MOUNT PICOmini??DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD3003DO CENTRAL-CMLD3003DO Datasheet
94Kb / 2P
SURFACE MOUNT PICOmini DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD6001 CENTRAL-CMLD6001 Datasheet
88Kb / 2P
SURFACE MOUNT PICOmini??DUAL, ISOLATED LOW LEAKAGE SILICON SWITCHING DIODES
CMLD3003DO CENTRAL-CMLD3003DO_10 Datasheet
580Kb / 2P
SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD4448DO CENTRAL-CMLD4448DO_10 Datasheet
582Kb / 2P
SURFACE MOUNT DUAL, ISOLATED, OPPOSING HIGH SPEED SILICON SWITCHING DIODES
CMLD6001 CENTRAL-CMLD6001_10 Datasheet
582Kb / 2P
SURFACE MOUNT DUAL, ISOLATED LOW LEAKAGE SILICON SWITCHING DIODES
CMLD6001DO CENTRAL-CMLD6001DO_10 Datasheet
579Kb / 2P
SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO Datasheet
921Kb / 3P
SURFACE MOUNT DUAL, ISOLATED, OPPOSING SILICON SCHOTTKY DIODES
CMXD3003TO CENTRAL-CMXD3003TO Datasheet
495Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAS100ATB6 PANJIT-BAS100ATB6_V01 Datasheet
329Kb / 5P
SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
August 10,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com