Electronic Components Datasheet Search
  English  ▼

X  

C1Z27B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # C1Z27B
Description  SILICON ZENER DIODE 3.3 VOLTS THRU 91 VOLTS 1.0 W, 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

C1Z27B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  C1Z27B Datasheet HTML 1Page - Central Semiconductor Corp C1Z27B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R0 (29-July 2009)
Central
Semiconductor Corp.
TM
C1Z3.3B THRU C1Z91B
SILICON ZENER DIODE
3.3 VOLTS THRU 91 VOLTS
1.0 W, 5% TOLERANCE
DO-15 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.0V MAX @ IF=500mA (for all types)
Type
Zener Voltage
VZ @ IZT
Test Current
IZT
Maximum Reverse
Leakage Current
IR @ VR
MIN
V
NOM
V
MAX
V
mA
μA
V
C1Z30B
28.50
30
31.50
8.5
5.0
22.8
C1Z33B
31.35
33
34.65
7.5
5.0
25.1
C1Z36B
34.20
36
37.80
7.0
5.0
27.4
C1Z39B
37.05
39
40.95
6.5
5.0
29.7
C1Z43B
40.85
43
45.15
6.0
5.0
32.7
C1Z47B
44.65
47
49.35
5.5
5.0
35.8
C1Z50B
47.50
50
52.50
5.1
5.0
37.3
C1Z51B
48.45
51
53.55
5.0
5.0
38.8
C1Z56B
53.20
56
58.80
4.5
5.0
42.6
C1Z62B
58.90
62
65.10
4.0
5.0
47.1
C1Z68B
64.60
68
71.40
3.7
5.0
51.7
C1Z75B
71.25
75
78.75
3.3
5.0
56
C1Z82B
77.90
82
86.10
3.0
5.0
62.2
C1Z91B
86.45
91
95.55
2.8
5.0
69.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com