Electronic Components Datasheet Search
  English  ▼

X  

CMXT3090L Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMXT3090L
Description  SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXT3090L Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMXT3090L Datasheet HTML 1Page - Central Semiconductor Corp CMXT3090L Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMXT3090L
SURFACE MOUNT
LOW VCE(SAT) NPN SILICON
POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMXT3090L is
a Low VCE(SAT) NPN Transistor in a six lead Power
SOT-26 surface mount package designed for LAN
cards, motor control, power management, strobe flash
units and DC-DC converters for mobile systems.
MARKING CODE: X309L
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
3.0
A
Peak Collector Current
ICM
6.0
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=20V
100
nA
IEBO
VEB=5.0V
100
nA
BVCBO
IC=10µA
45
V
BVCEO
IC=10mA
15
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=100mA, IB=1.0mA
30
50
mV
VCE(SAT)
IC=1.0A, IB=20mA
60
150
mV
VCE(SAT)
IC=2.0A, IB=200mA
85
200
mV
VCE(SAT)
IC=3.0A, IB=60mA
145
300
mV
hFE
VCE=2.0V, IC=500mA
200
hFE
VCE=2.0V, IC=1.0A
200
hFE
VCE=2.0V, IC=3.0A
175
Cob
VCB=10V, f=1.0MHz
100
pF
fT
VCE=10V, IC=500mA
100
MHz
SOT-26 CASE
R2 (12-February 2010)
www.centra lsemi.com


Similar Part No. - CMXT3090L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXT3090L CENTRAL-CMXT3090L_15 Datasheet
366Kb / 2P
NPN POWER TRANSISTOR
More results

Similar Description - CMXT3090L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT3090L CENTRAL-CMPT3090L Datasheet
106Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN POWER TRANSISTOR
CMPT3410 CENTRAL-CMPT3410 Datasheet
116Kb / 2P
SURFACE MOUNT NPN SILICON LOW VCE (SAT) TRANSISTOR
logo
Advanced Analogic Techn...
CXT3090L ANALOGICTECH-CXT3090L Datasheet
81Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT3090L CENTRAL-CZT3090L Datasheet
76Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
logo
Diodes Incorporated
DSS20201L DIODES-DSS20201L Datasheet
126Kb / 5P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31605 Rev. 2 - 2
2DD2661 DIODES-2DD2661 Datasheet
93Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31635 Rev. 2 - 2
logo
Central Semiconductor C...
CMPT3090L CENTRAL-CMPT3090L_10 Datasheet
463Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CMPT3410 CENTRAL-CMPT3410_10 Datasheet
393Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON TRANSISTOR
CXT3090L CENTRAL-CXT3090L Datasheet
360Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CZT3090L CENTRAL-CZT3090L_10 Datasheet
603Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com