Electronic Components Datasheet Search
  English  ▼

X  

CPR4-040 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPR4-040
Description  GLASS PASSIVATED GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 600 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPR4-040 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPR4-040 Datasheet HTML 1Page - Central Semiconductor Corp CPR4-040 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CPR4 Series
are silicon rectifiers manufactured in a hermetically
sealed, glass passivated package designed for use
in all types of commercial, industrial, entertainment
and automotive applications.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CPR4
SYMBOL
-020
-040
-060
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
V
DC Blocking Voltage
VR
200
400
600
V
RMS Reverse Voltage
VR(RMS)
140
280
420
V
Average Forward Current (TA=70°C)
IO
3.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
100
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
ΘJA
55
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted))
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
1.0
μA
IR
VR=Rated VRRM, TA=100°C
100
μA
VF
IF=3.0A
1.1
V
CJ
VR=4.0V, f=1.0MHz
40
pF
trr
IF=0.5A, IR=1.0A, Irr=0.25A
3.0
μs
CPR4-020
CPR4-040
CPR4-060
GLASS PASSIVATED
GENERAL PURPOSE RECTIFIER
3.0 AMP, 200 THRU 600 VOLTS
GPR-4AM CASE
Central
Semiconductor Corp.
TM
R0 (24-July 2008)
MARKING: FULL PART NUMBER


Similar Part No. - CPR4-040

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPR4-040 CENTRAL-CPR4-040 Datasheet
77Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
More results

Similar Description - CPR4-040

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLLRH CENTRAL-CLLRH Datasheet
65Kb / 2P
GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
CMR1-02 CENTRAL-CMR1-02 Datasheet
190Kb / 2P
GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CMR1-02M CENTRAL-CMR1-02M Datasheet
86Kb / 2P
GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CMR3-02 CENTRAL-CMR3-02 Datasheet
82Kb / 2P
GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 1,000 VOLTS
CR3-010GPP CENTRAL-CR3-010GPP Datasheet
81Kb / 2P
GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 3.0 AMP 50 THRU 1000VOLTS
CLLRH CENTRAL-CLLRH_10 Datasheet
301Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
1N3611 CENTRAL-1N3611 Datasheet
112Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE SILICON RECTIFIERS 1.0 AMP, 200 THRU 1000 VOLTS
CR6A2GPP CENTRAL-CR6A2GPP Datasheet
169Kb / 2P
GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 6A, 200 THRU 1000 VOLTS
1N5059 CENTRAL-1N5059 Datasheet
65Kb / 2P
GLASS PASSIVATED RECTIFIER 1.0 AMP, 200 THRU 800 VOLTS
logo
New Jersey Semi-Conduct...
1N5415 NJSEMI-1N5415 Datasheet
97Kb / 1P
FAST RECOVERY GLASS PASSIVATED RECTIFIER 3.0 AMPS, 50 THRU 600 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com