Electronic Components Datasheet Search
  English  ▼

X  

MD3250 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # MD3250
Description  DUAL PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MD3250 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  MD3250 Datasheet HTML 1Page - Central Semiconductor Corp MD3250 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
TO-78 CASE - MECHANICAL OUTLINE
MD3250 MD3250A
MD3251 MD3251A
DUAL PNP
SILICON TRANSISTOR
R0 (9-June 2009)
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE
VCE=5.0V, IC=50mA (MD3250,A)
15
hFE
VCE=5.0V, IC=50mA (MD3251,A)
30
fT
VCE=20V, IC=10mA, f=100MHz (MD3250,A)
200
MHz
fT
VCE=20V, IC=10mA, f=100MHz (MD3251,A)
250
MHz
Cob
VCB=5.0V, IE=0, f=100kHz
6.0
pF
Cib
VBE=1.0V, IC=0, f=100kHz
8.0
pF
MATCHING CHARACTERISTICS:
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE1/hFE2 (Note 1)
VCE=5.0V, IC=100μA
0.90
1.0
hFE1/hFE2 (Note 1)
VCE=5.0V, IC=1.0mA
0.90
1.0
IVBE1-VBE2I
VCE=5.0V, IC=10μA
5.0
mV
IVBE1-VBE2I
VCE=5.0V, IC=100μA
3.0
mV
IVBE1-VBE2I
VCE=5.0V, IC=10mA
5.0
mV
1) The lowest hFE reading is taken as hFE1.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com