Electronic Components Datasheet Search
  English  ▼

X  

MJ4032 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MJ4032
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MJ4032 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MJ4032 Datasheet HTML 1Page - Central Semiconductor Corp MJ4032 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
16
A
Base Current
IB
0.5
A
Power Dissipation
PD
150
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJC
1.17
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICER
VCE=100V, RBE=1.0kΩ
1.0
mA
ICER
VCE=100V, RBE=1.0kΩ, TC=150°C
5.0
mA
ICEO
VCE=50V
3.0
mA
IEBO
VEB=5.0V
5.0
mA
BVCEO
IC=100mA
100
V
VCE(SAT)
IC=10A, IB=40mA
2.5
V
VCE(SAT)
IC=16A, IB=80mA
4.0
V
VBE(ON)
VCE=3.0V, IC=10A
3.0
V
hFE
VCE=3.0V, IC=10A
1000
MJ4032 PNP
MJ4035 NPN
COMPLEMENTARY SILICON
POWER DARLINGTON TRANSISTORS
TO-3 CASE
Central
Semiconductor Corp.
TM
R0 (4-May 2009)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MJ4032, MJ4035
types are Complementary Silicon Power Darlington
Transistors designed for general purpose and amplifier
applications.
MARKING: FULL PART NUMBER


Similar Part No. - MJ4032

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ4032 MOSPEC-MJ4032 Datasheet
125Kb / 3P
POWER TRANSISTORS(16A,60-100V,150W)
logo
STMicroelectronics
MJ4032 STMICROELECTRONICS-MJ4032 Datasheet
69Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
MJ4032 CENTRAL-MJ4032 Datasheet
54Kb / 1P
Power Transistors
logo
STMicroelectronics
MJ4032 STMICROELECTRONICS-MJ4032 Datasheet
51Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Sep-2003
logo
Comset Semiconductor
MJ4032 COMSET-MJ4032 Datasheet
220Kb / 4P
MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - MJ4032

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com