Electronic Components Datasheet Search
  English  ▼

X  

PN2221 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # PN2221
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

PN2221 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  PN2221 Datasheet HTML 1Page - Central Semiconductor Corp PN2221 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PN2221
PN2221A
PN2222
PN2222A
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR PN2221, PN2222
series types are silicon NPN epitaxial planar transistors
designed for small signal, general purpose switching
applications.
MARKING: FULL PART NUMBER
PN2221
PN2221A
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
PN2222
PN2222A
UNITS
Collector-Base Voltage
VCBO
60
75
V
Collector-Emitter Voltage
VCEO
30
40
V
Emitter-Base Voltage
VEBO
5.0
6.0
V
Continuous Collector Current
IC
800
mA
Power Dissipation
PD
625
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
PN2221
PN2221A
ELECTRICAL CHARACTERISTICS: (TA=25°C)
PN2222
PN2222A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=50V
-
10
-
-
nA
ICBO
VCB=60V
-
-
-
10
nA
ICEV
VCE=60V, VEB=3.0V
-
-
-
10
nA
IEBO
VEB=3.0V
-
10
-
10
nA
BVCBO
IC=10μA
60
-
75
-
V
BVCEO
IC=10mA
30
-
40
-
V
BVEBO
IE=10μA
5.0
-
6.0
-
V
VCE(SAT)
IC=150mA, IB=15mA
-
0.4
-
0.3
V
VCE(SAT)
IC=500mA, IB=50mA
-
1.6
-
1.0
V
VBE(SAT)
IC=150mA, IB=15mA
-
1.3
-
1.2
V
VBE(SAT)
IC=500mA, IB=50mA
-
2.6
-
2.0
V
PN2221
PN2222
PN2221A
PN2222A
MIN
MAX
MIN
MAX
hFE
VCE=10V, IC=0.1mA
20
-
35
-
hFE
VCE=10V, IC=1.0mA
25
-
50
-
hFE
VCE=10V, IC=10mA
35
-
75
-
hFE
VCE=10V, IC=150mA
40
120
100
300
hFE
VCE=1.0V, IC=150mA
20
-
50
-
hFE
VCE=10V, IC=500mA (PN2221, PN2222)
20
-
30
-
hFE
VCE=10V, IC=500mA (PN2221A, PN2222A)
25
-
40
-
fT
VCE=20V, IC=20mA, f=100MHz (except PN2222A) 250
-
250
-
MHz
fT
VCE=20V, IC=20mA, f=100MHz (PN2222A)
-
-
300
-
MHz
Cob
VCB=10V, f=100kHz
-
8.0
-
8.0
pF
ton
VCC=30V, IC=150mA, IB=15mA
-
35
-
35
ns
toff
VCC=30V, IC=150mA, IB1=IB2=15mA
-
285
-
285
ns
TO-92 CASE
R1 (30-January 2012)
www.centr a lsemi.com


Similar Part No. - PN2221

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2221 FAIRCHILD-PN2221 Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Central Semiconductor C...
PN2221 CENTRAL-PN2221 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
PN2221 CENTRAL-PN2221 Datasheet
322Kb / 2P
NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
PN2221 ETC-PN2221 Datasheet
301Kb / 1P
PNP OUTPUT TRANSISTOR
logo
Fairchild Semiconductor
PN2221A FAIRCHILD-PN2221A Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
More results

Similar Description - PN2221

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com