Electronic Components Datasheet Search
  English  ▼

X  

LM340 Datasheet(PDF) 10 Page - Motorola, Inc

Part # LM340
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM340 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button LM340 Datasheet HTML 6Page - Motorola, Inc LM340 Datasheet HTML 7Page - Motorola, Inc LM340 Datasheet HTML 8Page - Motorola, Inc LM340 Datasheet HTML 9Page - Motorola, Inc LM340 Datasheet HTML 10Page - Motorola, Inc LM340 Datasheet HTML 11Page - Motorola, Inc LM340 Datasheet HTML 12Page - Motorola, Inc LM340 Datasheet HTML 13Page - Motorola, Inc LM340 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC7800, MC7800A, LM340, LM340A Series
10
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (Vin = 23 V, IO = 1.0 A, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7815AC/LM340AT–15
Characteristic
Symbol
Min
Typ
Max
Unit
Ripple Rejection
RR
60
80
–
dB
18.5 Vdc
≤ Vin ≤ 28.5 Vdc, f = 120 Hz, IO = 500 mA
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI – VO
–
2.0
–
Vdc
Output Noise Voltage (TA = 25°C)
Vn
–
10
–
µV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
–
1.2
–
m
Ω
Short Circuit Current Limit (TA = 25°C)
ISC
–
0.2
–
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
–
2.2
–
A
Average Temperature Coefficient of Output Voltage
TCVO
–
–1.0
–
mV/
°C
ELECTRICAL CHARACTERISTICS (Vin = 27 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7818C
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
17.3
18
18.7
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
17.1
18
18.9
Vdc
21 Vdc
≤ Vin ≤ 33 Vdc
Line Regulation, (Note 2)
Regline
mV
21 Vdc
≤ Vin ≤ 33 Vdc
–
9.5
50
24 Vdc
≤ Vin ≤ 30 Vdc
–
3.2
25
Load Regulation, (Note 2)
Regload
–
2.0
55
mV
5.0 mA
≤ IO ≤ 1.5 A
Quiescent Current
IB
–
3.5
6.5
mA
Quiescent Current Change
∆IB
mA
21 Vdc
≤ Vin ≤ 33 Vdc
–
–
1.0
5.0 mA
≤ IO ≤ 1.0 A
–
–
0.5
Ripple Rejection
RR
53
57
–
dB
22 Vdc
≤ Vin ≤ 33 Vdc, f = 120 Hz
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
ViI – VO
–
2.0
–
Vdc
Output Noise Voltage (TA = 25°C)
Vn
–
10
–
µV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
–
1.3
–
m
Ω
Short Circuit Current Limit (TA = 25°C)
ISC
–
0.2
–
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
–
2.2
–
A
Average Temperature Coefficient of Output Voltage
TCVO
–
–1.5
–
mV/
°C
NOTES: 1. Tlow = –40°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com