Electronic Components Datasheet Search
  English  ▼

X  

TIP36A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # TIP36A
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

TIP36A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  TIP36A Datasheet HTML 1Page - Central Semiconductor Corp TIP36A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP35
TIP35A
TIP35B
TIP35C
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
TIP36
TIP36A
TIP36B
TIP36C
UNITS
Collector-Base Voltage
VCBO
40
60
80
100
V
Collector-Emitter Voltage
VCEO
40
60
80
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
25
A
Peak Collector Current
ICM
40
A
Base Current
IB
5.0
A
Power Dissipation
PD
125
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
1.0
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEO
VCE=30V, (TIP35, TIP35A, TIP36, TIP36A)
1.0
mA
ICEO
VCE=60V, (TIP35B, TIP35C, TIP36B, TIP36C)
1.0
mA
ICES
VCE=Rated VCEO
0.7
mA
IEBO
VEB=5.0V
1.0
mA
BVCEO
IC=30mA (TIP35, TIP36)
40
V
BVCEO
IC=30mA (TIP35A, TIP36A)
60
V
BVCEO
IC=30mA (TIP35B, TIP36B)
80
V
BVCEO
IC=30mA (TIP35C, TIP36C)
100
V
VCE(SAT)
IC=15A, IB=1.5A
1.8
V
VCE(SAT)
IC=25A, IB=5.0A
4.0
V
VBE(ON)
VCE=4.0V, IC=15A
2.0
V
VBE(ON)
VCE=4.0V, IC=25A
4.5
V
hFE
VCE=4.0V, IC=1.5A
25
hFE
VCE=4.0V, IC=15A
10
100
hfe
VCE=10V, IC=1.0A, f=1.0kHz
25
fT
VCE=10V, IC=1.0A, f=1.0MHz
3.0
MHz
TIP35 TIP35A TIP35B TIP35C NPN
TIP36 TIP36A TIP36B TIP36C PNP
COMPLEMENTARY SILICON
POWER TRANSISTORS
TO-218 TRANSISTOR CASE
Central
Semiconductor Corp.
TM
R1 (29-October 2008)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR TIP35, TIP36
Series types are Complementary Silicon Power
Transistors manufactured by the epitaxial base
process, designed for high current amplifier and
switching applications.
MARKING: FULL PART NUMBER


Similar Part No. - TIP36A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP36A MOSPEC-TIP36A Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Motorola, Inc
TIP36A MOTOROLA-TIP36A Datasheet
157Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP36A ONSEMI-TIP36A Datasheet
157Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP36A POINN-TIP36A Datasheet
93Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP36A SAVANTIC-TIP36A Datasheet
170Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - TIP36A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com