Electronic Components Datasheet Search
  English  ▼

X  

RSAC16CS Datasheet(PDF) 3 Page - Rohm

Part # RSAC16CS
Description  Ultra Low Capacitance ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSAC16CS Datasheet(HTML) 3 Page - Rohm

  RSAC16CS Datasheet HTML 1Page - Rohm RSAC16CS Datasheet HTML 2Page - Rohm RSAC16CS Datasheet HTML 3Page - Rohm RSAC16CS Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSAC16CS
 
1
10
100
1000
10000
0.1
1
10
ZENER CURRENT(mA)
Zz-Iz CHARACTERISTICS
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
On glass-epoxy substrate
TIME:t(s)
Rth-t CHARACTERISTICS
0
5
10
15
20
25
30
C=200pF
R=0
Ω
C=150pF
R=330
Ω
C=100pF
R=1.5k
Ω
No break at 30kV
AVE:.0.98kV
ESD DISPERSION MAP
3/3
2011.10 - Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com