Electronic Components Datasheet Search
  English  ▼

X  

2N3583 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3583
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3583 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3583 Datasheet HTML 1Page - Central Semiconductor Corp 2N3583 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N3583
2N3584
2N3585
UNITS
Collector-Base Voltage
VCBO
250
375
500
V
Collector-Emitter Voltage
VCEO
175
250
300
V
Emitter-Base Voltage
VEBO
6.0
6.0
6.0
V
Continuous Collector Current
IC
1.0
2.0
2.0
A
Peak Collector Current
ICM
5.0
A
Continuous Base Current
IB
1.0
A
Power Dissipation
PD
35
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJC
5.0
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
2N3583
2N3584
2N3585
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
MIN MAX
UNITS
ICEV
VCE=225V, VEB=1.5V
-
1.0
-
-
-
-
mA
ICEV
VCE=340V, VEB=1.5V
-
-
-
1.0
-
-
mA
ICEV
VCE=450V, VEB=1.5V
-
-
-
-
-
1.0
mA
ICEV
VCE=225V, VEB=1.5V, TC=150°C
-
3.0
-
-
-
-
mA
ICEV
VCE=300V, VEB=1.5V, TC=150°C
-
-
-
3.0
-
3.0
mA
ICEO
VCE=150V
-
10
-
5.0
-
5.0
mA
IEBO
VBE=6.0V
-
5.0
-
0.5
-
0.5
mA
BVCEO
IC=200mA
175
-
250
-
300
-
V
VCE(SAT) IC=1.0A, IB=125mA
-
5.0
-
0.75
-
0.75
V
VBE(SAT)
IC=1.0A, IB=100mA
-
-
-
1.4
-
1.4
V
VBE(ON)
VCE=10V, IC=1.0A
-
1.4
-
1.4
-
1.4
V
hFE
VCE=10V, IC=100mA
40
-
40
-
40
-
hFE
VCE=10V, IC=500mA
40
200
-
-
-
-
hFE
VCE=2.0V, IC=1.0A
-
-
8.0
80
8.0
80
hFE
VCE=10V, IC=1.0A
10
-
25
100
25
100
fT
VCE=10V, IC=200mA, f=5.0MHz
10
-
10
-
10
-
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
-
120
-
120
-
120
pF
hfe
VCE=30V, IC=100mA, f=1.0kHz
25
350
-
-
-
-
tr
VCC=200V, IC=1.0A, IB1=100mA, RL=200Ω -
-
-
3.0
-
3.0
μs
ts
VCC=200V, IC=1.0A, IB1=IB2=100mA
-
-
-
4.0
-
4.0
μs
tf
VCC=200V, IC=1.0A, IB1=IB2=100mA
-
-
-
3.0
-
3.0
μs
Is/b
VCE=100V
350
-
350
-
350
-
mA
2N3583
2N3584
2N3585
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3583 Series
types are NPN Silicon Transistors designed for high
speed switching and high voltage amplifier applications.
MARKING: FULL PART NUMBER
TO-66 CASE
R2 (22-June 2011)
www.centra lsemi.com


Similar Part No. - 2N3583

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3583 MOSPEC-2N3583 Datasheet
217Kb / 4P
POWER TRANSISTORS(35W)
logo
Boca Semiconductor Corp...
2N3583 BOCA-2N3583 Datasheet
224Kb / 4P
COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
Microsemi Corporation
2N3583 MICROSEMI-2N3583 Datasheet
63Kb / 3P
5 Amp, 250V, High Voltage NPN Silicon Power Transistors
logo
Central Semiconductor C...
2N3583 CENTRAL-2N3583 Datasheet
51Kb / 1P
Power Transistors
logo
Comset Semiconductor
2N3583 COMSET-2N3583 Datasheet
166Kb / 3P
NPN SILICON POWER TRANSISTORS.
More results

Similar Description - 2N3583

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com