Electronic Components Datasheet Search
  English  ▼

X  

2N5822 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N5822
Description  COMPLEMENTARY SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N5822 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N5822 Datasheet HTML 1Page - Central Semiconductor Corp 2N5822 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N5820 series
types are epoxy molded complementary silicon
small signal transistors manufactured by the
epitaxial planar process designed for general
purpose amplifier applications where a high
collector current rating is required.
MARKING CODE: FULL PART NUMBER
2N5820 2N5822 NPN
2N5821 2N5823 PNP
COMPLEMENTARY
SILICON TRANSISTORS
TO-92-18R CASE
Central
Semiconductor Corp.
TM
R1 (21-October 2005)
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
70
V
Collector-Emitter Voltage
VCES
70
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
750
mA
Peak Collector Current
ICM
1.0
A
Power Dissipation
PD
625
mW
Power Dissipation (TC=25°C)
PD
1.5
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
200
°C/W
Thermal Resistance
ΘJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N5820
2N5822
2N5821
2N5823
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=25V
100
100
nA
ICBO
VCB=25V, TA=100°C
15
15
µA
IEBO
VEB=5.0V
10
10
µA
BVCES
IC=10µA
70
70
V
BVCEO
IC=10mA
60
60
V
BVEBO
IE=10µA
5.0
5.0
V
VCE(SAT)
IC=500mA, IB=50mA
0.75
0.75
V
VBE(SAT)
IC=500mA, IB=50mA
1.2
1.2
V
VBE(ON)
VCE=2.0V, IC=500mA
0.60
1.1
0.60
1.1
V
hFE
VCE=2.0V, IC=2.0mA
60
120
100
250
hFE
VCE=2.0V, IC=500mA
20
25


Similar Part No. - 2N5822

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N5822 MICRO-ELECTRONICS-2N5822 Datasheet
138Kb / 2P
COMPLEMENTARY SILICON AF MEDIUM POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5822 NJSEMI-2N5822 Datasheet
142Kb / 1P
SILICON TRANSISTORS
More results

Similar Description - 2N5822

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC635 MICRO-ELECTRONICS-BC635 Datasheet
184Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
CMPT4401 CENTRAL-CMPT4401 Datasheet
99Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
Unisonic Technologies
2N3773 UTC-2N3773 Datasheet
69Kb / 5P
COMPLEMENTARY SILICON TRANSISTORS
2N3773 UTC-2N3773_12 Datasheet
154Kb / 3P
COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPS6560 CENTRAL-MPS6560 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON TRANSISTORS
MPSA05 CENTRAL-MPSA05_15 Datasheet
1Mb / 5P
COMPLEMENTARY SILICON TRANSISTORS
MPSA20 CENTRAL-MPSA20 Datasheet
331Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
Unisonic Technologies
2N6099 UTC-2N6099_15 Datasheet
73Kb / 3P
COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5814 NJSEMI-2N5814 Datasheet
80Kb / 1P
COMPLEMENTARY SILICON TRANSISTORS
WW18 NJSEMI-WW18 Datasheet
122Kb / 2P
Silicon Complementary Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com