Electronic Components Datasheet Search
  English  ▼

X  

2N6544 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N6544
Description  NPN SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N6544 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N6544 Datasheet HTML 1Page - Central Semiconductor Corp 2N6544 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N6544
2N6545
NPN SILICON
POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N6544, 2N6545
types are Silicon NPN Triple Diffused Mesa Transistors
designed for high voltage, high current, high speed
switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N6544
2N6545
UNITS
Collector-Emitter Voltage
VCEV
650
850
V
Collector-Emitter Voltage
VCEX
350
450
V
Collector-Emitter Voltage
VCEO
300
400
V
Emitter-Base Voltage
VEBO
9.0
V
Continuous Collector Current
IC
8.0
A
Peak Collector Current
ICM
16
A
Continuous Emitter Current
IE
16
A
Peak Emitter Current
IEM
32
A
Continuous Base Current
IB
8.0
A
Peak Base Current
IBM
16
A
Power Dissipation
PD
125
W
Power Dissipation, TC=100°C
PD
71.5
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJC
1.4
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
2N6544
2N6545
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICEV
VCE=Rated VCEV, VBE=1.5V
-
0.5
-
0.5
mA
ICEV
VCE=Rated VCEV, VBE=1.5V, TC=100°C
-
2.5
-
2.5
mA
ICER
VCE=Rated VCEV, RBE=50Ω, TC=100°C
-
3.0
-
3.0
mA
IEBO
VEB=9.0V
-
1.0
-
1.0
mA
BVCEX
VCL=Rated VCEX, IC=4.5A, TC=100°C
350
-
450
-
V
BVCEX
VCL=Rated VCEO-100V, IC=8.0A, TC=100°C
200
-
300
-
V
BVCEO
IC=100mA
300
-
400
-
V
VCE(SAT) IC=5.0A, IB=1.0A
-
1.5
-
1.5
V
VCE(SAT) IC=8.0A, IB=2.0A
-
5.0
-
5.0
V
VCE(SAT) IC=5.0A, IB=1.0A, TC=100°C
-
2.5
-
2.5
V
VBE(SAT)
IC=5.0A, IB=1.0A
-
1.6
-
1.6
V
VBE(SAT)
IC=5.0A, IB=1.0A, TC=100°C
-
1.6
-
1.6
V
hFE
VCE=3.0V, IC=2.5A
12
60
12
60
hFE
VCE=3.0V, IC=5.0A
7.0
35
7.0
35
TO-3 CASE
R1 (7-February 2011)
www.centr a lsemi.com


Similar Part No. - 2N6544

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
POWER TRANSISTORS(8A,125W)
logo
Central Semiconductor C...
2N6544 CENTRAL-2N6544 Datasheet
51Kb / 1P
POWER TRANSISTORS TO-3 CASE
logo
Seme LAB
2N6544 SEME-LAB-2N6544 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
New Jersey Semi-Conduct...
2N6544 NJSEMI-2N6544 Datasheet
97Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
2N6544 ISC-2N6544 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2N6544

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com