Electronic Components Datasheet Search
  English  ▼

X  

BZX85C30 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # BZX85C30
Description  SURFACE MOUNT 1.3W SILICON ZENER DIODE 3.3 VOLTS THRU 33 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZX85C30 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BZX85C30 Datasheet HTML 1Page - Central Semiconductor Corp BZX85C30 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
BZX85C3V3
THRU
BZX85C33
SURFACE MOUNT
1.3W SILICON ZENER DIODE
3.3 VOLTS THRU 33 VOLTS
R0 (12-May 2009)
DO-41 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.2V MAX @ IF=200mA (for all types)
Type
Zener Voltage
VZ @ IZT
Test
Current
Maximum Zener
Impedance
Maximum
Reverse
Current
Maximum
Reverse
Surge
Current
Maximum
Zener
Current
MIN
(V)
NOM
(V)
MAX
(V)
IZT
(mA)
ZZT@IZT
(Ω)
ZZK @ IZK
(Ω)
(mA)
IR @ VR
(μA)
(V)
IRSM
(mA)
IZM
(mA)
BZX85C13
12.4
13
13.7
20
10
400
0.5
0.5
9.1
344
69
BZX85C15
14.3
15
15.8
15
15
500
0.5
0.5
10.5
304
61
BZX85C16
15.2
16
16.8
15
15
500
0.5
0.5
11.0
285
57
BZX85C18
17.1
18
18.9
15
20
500
0.5
0.5
12.5
250
50
BZX85C20
19.0
20
21.0
10
24
600
0.5
0.5
14.0
225
45
BZX85C22
20.9
22
23.1
10
25
600
0.5
0.5
15.5
205
41
BZX85C24
22.8
24
25.2
10
25
600
0.5
0.5
17.0
190
38
BZX85C27
25.7
27
28.4
8.0
30
750
0.25
0.5
19.0
170
34
BZX85C30
28.5
30
31.5
8.0
30
1,000
0.25
0.5
21.0
150
30
BZX85C33
31.4
33
34.7
8.0
35
1,200
0.25
0.5
23.0
135
27



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com