Electronic Components Datasheet Search
  English  ▼

X  

RSD6.8JS2 Datasheet(PDF) 2 Page - Rohm

Part # RSD6.8JS2
Description  Ultra Low Capacitance ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSD6.8JS2 Datasheet(HTML) 2 Page - Rohm

  RSD6.8JS2 Datasheet HTML 1Page - Rohm RSD6.8JS2 Datasheet HTML 2Page - Rohm RSD6.8JS2 Datasheet HTML 3Page - Rohm RSD6.8JS2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSB6.8JS2
 
0.01
0.1
1
10
6.5
7
7.5
8
8.5
Ta=
-25°C
Ta=75
°C
Ta=25
°C
Ta=125
°C
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
0.1
1
10
100
1000
10000
100000
0
1
2
3
4
5
Ta=125
°C
Ta=25
°C
Ta=75
°C
REVERSE VOLTAGE:V
R(V)
V
R-IR CHARACTERISTICS
0.1
1
10
0
1
2
3
4
5
REVERSE VOLTAGE:V
R(V)
V
R-Ct CHARACTERISTICS
f=1MHz
7.5
7.55
7.6
7.65
7.7
7.75
7.8
7.85
7.9
7.95
8
Vz DISPERSION MAP
AVE:7.64V
Ta=25
°C
I
Z=5mA
n=30pcs
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
I
R DISPERSION MAP
Ta=25
°C
V
R=3.5V
n=30pcs
AVE:1.16pA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Ct DISPERSION MAP
AVE:1.4pF
Ta=25
°C
f=1MHz
V
R=0V
n=10pcs
2/3
2011.09 - Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com