Electronic Components Datasheet Search
  English  ▼

X  

SMTPB Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMTPB
Description  TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMTPB Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMTPB Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMTPB Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMTPB Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMTPB Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V
I
I PP
I H
I RM
I BO
VRM
VBR VBO
I R
Tamb=50
5.0
W
10/1000 s
8/20 s
100
1
50
tp=20ms
50
A
tp=20ms
25
A
2s
VRM
5
kV/
µS
-55to+150
150
230
Symbol
Value
Unlt
Rth(j-l)
20
/W
Rth(j-a)
75
/W
I H
C
min.
note
3
max.
note
4
mA
PF
2
56
62
50
82
800
150
300
2
90
100
50
133
800
150
200
Symbol
VRM
IRM
VR
VBR
VBO
IH
IBO
IPP
C
SMTPB---SERIES
GALAXY ELECTRICAL
Note
3: See test circuit2.
Note
4: VR=1V,F=1MHz,refer to fig.3 for C versus VR.
Breakover vol
tage
Holding current
Breakover current
Peak pulse current
Continuous
reverse voltage
Break
down voltage
Capacitance
Parameter
Stand-off voltage
ELECTRICAL CHARACTERISTICS (TA=25
)
Leakage current at stand-off voltage
2
243
270
50
360
800
150
200
SMTPB270
2
61
68
50
90
800
150
300
2
108
120
50
160
800
150
200
2
117
130
50
173
800
150
200
2
162
180
50
240
800
150
200
2
180
200
50
267
800
150
200
2
198
220
50
293
800
150
200
2
216
240
50
320
800
150
200
SMTPB180
SMTPB200
SMTPB220
SMTPB240
SMTPB68
SMTPB100
SMTPB120
SMTPB130
SMTPB62
Type
IRM @ VRM
max.
A
V
VBO @ IBO
max.
note1
note
2
V
mA
Parameter
Junction to leads (Llead=10mm)
Junction to ambient
on printed circuit (Llead=10mm)
VR @ IR
m
in.
V
µA
Storage temperature range
Maximum junction temperature
Maximum lead temperature for soldering during 10s at 5mm form case
Power dissipation on infinite heatsink
Peak pulse current
Non repetitive surge peak on-state current
I
2t vallue for fusing
Critical rate of rise of off-state voltage
ITSM
I
2t
dV/dt
Tstg
T
j
THERMAL RESISTANCES
Symbol
Unit
Value
ABSOLUTE MAXIMUM RATINGS (TA=25
)
P
Ipp
Parameter
TL
BLGALAXY ELECTRICAL
Document Number 028600
6
2.
www.galaxycn.com
BL
Note1:IR measured at VR guarantees VBRmin≥VR
Note 2:Measured at 50Hz(1 cycle)-See test circuit 1.
2/10 s
A
500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com