Electronic Components Datasheet Search
  English  ▼

X  

SSTA13 Datasheet(PDF) 2 Page - Rohm

Part # SSTA13
Description  NPN small signal transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SSTA13 Datasheet(HTML) 2 Page - Rohm

  SSTA13 Datasheet HTML 1Page - Rohm SSTA13 Datasheet HTML 2Page - Rohm SSTA13 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SSTA13
Data Sheet
2/2
www.rohm.com
○
c
2011 ROHM Co., Ltd. All rights reserved.
2011.09 - Rev.B
Electrical characteristics curves
0
1.0
2.0
COLLECTOR - EMITTER VOLTAGE : VCE (V)
0
100
200
300
400
500
Fig.1 Typical output characteristics (
Ι )
Ta
=25
°C
IB
=0μA
2.0
4.0
6.0
8.0
10
12
14
16
18
20
0
1.0
2.0
3.0
4.0
5.0
COLLECTOR - EMITTER VOLTAGE : VCE (V)
0
20
40
60
80
100
Fig.2 Typical output characteristics (
ΙΙ )
Ta
=25
°C
IB
=0μA
0.2
0.4
0.8
1.2
1.6
1.8
2.0
2.4
COLLECTOR CURRENT : IC (mA)
2.2
2.0
1.8
1.6
1.4
1.0 2.0
5.0 10 20
50 100 200
500 1000
1.2
1.0
0.8
0.6
0.4
Fig.3 Base emitter 'ON' voltage
vs. collector current
Ta
=25
°C
VCE
=5V
0.1
5.0 10 20
50 100 200
500 1000
0.2
0.5 1.0 2.0
COLLECTOR CURRENT : IC (mA)
1k
2k
5k
10k
20k
50k
100k
Fig.4 DC current gain vs. collector current (
Ι )
VCE
=10V
5V
3V
Ta
=25
°C
0.1
5.0 10 20
50 100 200
500 1000
0.2
0.5 1.0 2.0
COLLECTOR CURRENT : IC (mA)
1k
2k
5k
10k
20k
50k
100k
Fig.5 DC current gain vs. collector current (
ΙΙ )
Ta
=25
°C
VCE
=5V
Ta
=25
°C
Ta
=
−55
°C
COLLECTOR CURRENT : IC (mA)
Fig.6 Collector emitter saturation voltage
vs. collector current
1.8
1.6
1.4
1.2
1.0 2.0
5.0 10 20
50 100 200
500 1000
1.0
0.8
0.6
0.4
0.2
0
Ta
=25
°C
IC/IB
=1000
COLLECTOR CURRENT : IC (mA)
2.2
2.0
1.8
1.6
1.4
12
5 10 20
50 100 200
500 1000
1.2
1.0
0.8
0.6
0.4
Fig.7 Base emitter saturation voltage
vs. collector current
Ta
=25
°C
IC/IB
=1000
1.0
10
20
50
100
200
500 1000
5.0
2.0
COLLECTOR CURRENT : IC (mA)
10
20
50
100
200
500
1000
Fig.8 Current gain-bandwidth product
vs. collector current
Ta
=25
°C
VCE
=5V
0.5
12
5
10
20
50
REVERSE BIAS VOLTAGE (V)
1
2
5
10
20
50
100
Fig.9 Capacitance vs. reverse bias voltage
Ta
=25
°C
f=1MHz
Cib
Cob



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com