Electronic Components Datasheet Search
  English  ▼

X  

LB070DS15 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LB070DS15
Description  70MHz SAW Filter 10MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB070DS15 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LB070DS15 Datasheet HTML 1Page - SIPAT Co,Ltd LB070DS15 Datasheet HTML 2Page - SIPAT Co,Ltd LB070DS15 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LB070DS15
Rev. Date
2010-07-02
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
2.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
70MHz SAW Filter
10MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB070DS15
Typical Performance
Frequency Response
Passband Response
20
30
40
50
60
70
80
90
100
110
120
-99.2908
-89.2908
-79.2908
-69.2908
-59.2908
-49.2908
-39.2908
-29.2908
-19.2908
-9.2908
0.7092
Type Performance
Frequency(MHz)
60
65
70
75
80
-11.7908
-11.2908
-10.7908
-10.2908
-9.7908
-9.2908
-8.7908
-8.2908
-7.7908
Type Performance
Frequency(MHz)
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±5MHz)
Phase Linearity(f0±5MHz)
60
62
64
66
68
70
72
74
76
78
80
600
700
800
900
1000
1100
1200
1300
1400
1500
X: 70
Y: 1046
Type Performance
Frequency(MHz)
X: 75
Y: 1057
X: 65
Y: 1124
60
62
64
66
68
70
72
74
76
78
80
-40
-30
-20
-10
0
10
20
30
X: 65
Y: 5.251
Type Performance
Frequency(MHz)
X: 75
Y: 4.75
X: 70
Y: -0.3816
Horizontal: 2MHz/Div
Vertical: 100ns/Div
Horizontal: 2MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com