Electronic Components Datasheet Search
  English  ▼

X  

LB070DS25 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LB070DS25
Description  70MHz SAW Filter 28MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB070DS25 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LB070DS25 Datasheet HTML 1Page - SIPAT Co,Ltd LB070DS25 Datasheet HTML 2Page - SIPAT Co,Ltd LB070DS25 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB070DS25
Rev. Date
2008-11-25
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
70MHz SAW Filter
28MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB070DS25
Typical Performance
Frequency Respond
Passband Respond
20
30
40
50
60
70
80
90
100
110
120
-105.4071
-95.4071
-85.4071
-75.4071
-65.4071
-55.4071
-45.4071
-35.4071
-25.4071
-15.4071
-5.4071
Type Performance
Frequency(MHz)
30
40
50
60
70
80
90
100
110
-17.9071
-17.4071
-16.9071
-16.4071
-15.9071
-15.4071
-14.9071
-14.4071
-13.9071
Type Performance
Frequency(MHz)
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±12.5MHz)
Phase Linearity(f0±12.5MHz)
45
50
55
60
65
70
75
80
85
90
95
400
600
800
1000
1200
1400
1600
X: 70
Y: 1018
Type Performance
Frequency(MHz)
X: 82.5
Y: 988.5
X: 57.5
Y: 1030
45
50
55
60
65
70
75
80
85
90
95
-25
-20
-15
-10
-5
0
5
10
15
20
X: 70
Y: 1.544
Type Performance
Frequency(MHz)
X: 82.5
Y: 0.0117
X: 57.5
Y: -1.556
Horizontal: 5MHz/Div
Vertical: 200ns/Div
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com