Electronic Components Datasheet Search
  English  ▼

X  

LCC17 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # LCC17
Description  CoolPower짰 D-sub
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LCC17 Datasheet(HTML) 2 Page - Amphenol Corporation

  LCC17 Datasheet HTML 1Page - Amphenol Corporation LCC17 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Amphenol Canada Corp.
Copyright © Amphenol Corporation 2011 • All rights reserved
605 Milner Ave.
Toronto, Ontario, M1B 5X6
416.291.4401
www.amphenolacp.com
Electrical and Environmental Properties
Current Rating
o
Power Contacts: 55 Amperes (per contact)
o
Signal Contacts*: 5 Amperes (per contact)
Contact Resistance:
o
Power Contacts: 0.25 milliohms max
o
Signal Contacts*: 20 milliohms max
Insulation Resistance: 5000 Megohms
DWV: 1500V DC
Operating Temperature: -55°C to +105°C
UL, CSA, TÜV approvals pending
Mechanical Properties
LCC17 housings are designed for high temperature solder processes. Available termination styles
include right angle or vertical mount PCB solder tail, solder cup and crimp. Other termination
styles may be available (consult factory). A variety of standard mounting options are available.
All materials are RoHS compliant, per EU Directive 2002/95/EC and amendments
Housing: High Temperature Resistant Nylon, UL 94V-0, Black
Contacts (typical)
o
Power: Copper Alloy, gold over 50µ” nickel
o
Signal*: Phosphor Bronze, gold over 50µ” nickel on mating area
Mounting Hardware: Nickel Plated Steel or Brass
Available Documents
P-LCC17-A3W3PA-4N1-REVA
P-LCC17-A3W3PE-AN1-REVA
P-LCC17-A3W3SF-2N1-REVA
P-LCC17-A3W3SF-4N1-REVA
(family drawings coming soon)
Part Numbers
LCC17-A3W3PX-XNX
LCC17-A3W3SX-XNX
* First available LCC17 part numbers are 3W3 arrangements without signal contacts
Related Products
Amphenol manufactures
an expanding line of
CoolPower
® connectors,
as well as standard filtered
and unfiltered combo D-
subminiature connectors to
meet all of your power
needs. Contact your local
Amphenol representative
for details
FCC22 Socket
FCC22 Combo
Slim Drawer



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com