Electronic Components Datasheet Search
  English  ▼

X  

LBN09033 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN09033
Description  90MHz SAW Filter 13MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09033 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN09033 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09033 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09033 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN09033
Rev. Date
2011-08-16
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
90MHz SAW Filter
13MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN09033
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
89.9
90
90.1
Insertion Loss
dB
-
25
29
1.5 dB Bandwidth
MHz
-
12.61
-
3 dB Bandwidth
MHz
12.7
12.78
-
30 dB Bandwidth
MHz
-
13.53
13.6
40 dB Bandwidth
MHz
-
13.64
13.8
45 dB Bandwidth
MHz
-
13.67
14
Passband Variation
dB
-
0.7
1.5
Absolute Delay
usec
-
3.1
-
Ultimate Rejection(f0±15MHz)
dB
55
56
-
Material Temperature coefficient
KHz/°C
-8.5
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-25
-
+85
Storage Temperature Range
°C
-45
-
+85
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP3512 (35.0x12.8x4.7)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN09033

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09033 SIPAT-LBN09033 Datasheet
177Kb / 3P
90MHz SAW Filter
More results

Similar Description - LBN09033

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A34 SIPAT-LBN70A34 Datasheet
141Kb / 3P
70MHz SAW Filter 13MHz Bandwidth
LBN09006 SIPAT-LBN09006 Datasheet
139Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN09016 SIPAT-LBN09016 Datasheet
138Kb / 3P
90MHz SAW Filter 13MHz Bandwidth
LBT11549 SIPAT-LBT11549 Datasheet
139Kb / 3P
115MHz SAW Filter 13MHz Bandwidth
LBT16044 SIPAT-LBT16044 Datasheet
138Kb / 3P
160MHz SAW Filter 13MHz Bandwidth
LBT90501 SIPAT-LBT90501 Datasheet
191Kb / 3P
904.6MHz SAW Filter 13MHz Bandwidth
LBN70A63 SIPAT-LBN70A63 Datasheet
151Kb / 3P
70MHz SAW Filter 13MHz Bandwidth
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
140MHz SAW Filter 13MHz Bandwidth
LBT11549 SIPAT-LBT11549 Datasheet
145Kb / 3P
115MHz SAW Filter 13MHz Bandwidth
LBT16044 SIPAT-LBT16044 Datasheet
143Kb / 3P
160MHz SAW Filter 13MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com