Electronic Components Datasheet Search
  English  ▼

X  

AD5110 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5110
Description  Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5110 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5110 Datasheet HTML 8Page - Analog Devices AD5110 Datasheet HTML 9Page - Analog Devices AD5110 Datasheet HTML 10Page - Analog Devices AD5110 Datasheet HTML 11Page - Analog Devices AD5110 Datasheet HTML 12Page - Analog Devices AD5110 Datasheet HTML 13Page - Analog Devices AD5110 Datasheet HTML 14Page - Analog Devices AD5110 Datasheet HTML 15Page - Analog Devices AD5110 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5110/AD5112/AD5114
Data Sheet
Rev. 0 | Page 12 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
AD5110/
AD5112/
AD5114
3
W
4
B
1
VDD
2
A
6 SCL
5 GND
8 VLOGIC
7 SDA
NOTES
1. THE EXPOSED PAD IS INTERNALLY FLOATING.
Figure 4. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply; 2.3 V to 5.5 V. This pin should be decoupled with 0.1 µF ceramic capacitors and 10 µF
capacitors.
2
A
Terminal A of RDAC. GND ≤ VA ≤ VDD.
3
W
Wiper Terminal of RDAC. GND ≤ VW ≤ VDD.
4
B
Terminal B of RDAC. GND ≤ VB ≤ VDD.
5
GND
Ground Pin, Logic Ground Reference.
6
SCL
Serial Clock Line. This pin is used in conjunction with the SDA line to clock data into or out of the 16-bit input
registers.
7
SDA
Serial Data Line. This pin is used in conjunction with the SCL line to clock data into or out of the 16-bit input
registers. It is a bidirectional, open-drain data line that should be pulled to the supply with an external pull-up
resistor.
8
VLOGIC
Logic Power Supply; 1.8 V to VDD. This pin should be decoupled with 0.1
µF ceramic capacitors and 10 µF
capacitors.
EPAD
Exposed Pad. The exposed pad is internally floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com