Electronic Components Datasheet Search
  English  ▼

X  

AD621 Datasheet(PDF) 14 Page - Analog Devices

Part # AD621
Description  Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD621 Datasheet HTML 10Page - Analog Devices AD621 Datasheet HTML 11Page - Analog Devices AD621 Datasheet HTML 12Page - Analog Devices AD621 Datasheet HTML 13Page - Analog Devices AD621 Datasheet HTML 14Page - Analog Devices AD621 Datasheet HTML 15Page - Analog Devices AD621 Datasheet HTML 16Page - Analog Devices AD621 Datasheet HTML 17Page - Analog Devices AD621 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8428
Data Sheet
Rev. 0 | Page 14 of 20
INPUT VOLTAGE RANGE
The 3-op-amp architecture of the AD8428 applies gain in the
first stage before removing the common-mode voltage in the
difference amplifier stage. Internal nodes between the first and
second stages (Node 1 and Node 2 in Figure 37) experience a
combination of an amplified differential signal, a common-mode
signal, and a diode drop. This combined signal can be limited by
the voltage supplies even when the individual input and output
signals are not limited. Figure 9 shows the allowable input
common-mode voltage ranges for various output voltages and
supply voltages.
LAYOUT
To ensure optimum performance of the AD8428 at the PCB
level, care must be taken in the design of the board layout. The
pins of the AD8428 are especially arranged to simplify board
layout and to help minimize parasitic imbalance between the
inputs.
–IN 1
–FIL 2
+FIL 3
+IN 4
+VS
8
OUT
7
REF
6
–VS
5
AD8428
TOP VIEW
(Not to Scale)
Figure 39. Pinout Diagram
Common-Mode Rejection Ratio over Frequency
Poor layout can cause some of the common-mode signals to be
converted to differential signals before reaching the in-amp. Such
conversions occur when one input path has a frequency response
that is different from the other. To maintain high CMRR over
frequency, the input source impedance and capacitance of each
path should be closely matched. Additional source resistance in
the input paths (for example, for input protection) should be
placed close to the in-amp inputs to minimize the interaction
of the inputs with parasitic capacitance from the PCB traces.
Parasitic capacitance at the filter pins can also affect CMRR over
frequency. If the board design has a component at the filter pins,
the component should be chosen so that the parasitic capacitance
is as small as possible.
Power Supplies and Grounding
Use a stable dc voltage to power the instrumentation amplifier.
Noise on the supply pins can adversely affect performance. See
the PSRR performance curves in Figure 11 for more information.
Place a 0.1 μF capacitor as close as possible to each supply pin.
Because the length of the bypass capacitor leads is critical at
high frequency, surface-mount capacitors are recommended. A
parasitic inductance in the bypass ground trace works against
the low impedance created by the bypass capacitor.
As shown in Figure 40, a 10 μF capacitor can be used farther
away from the device. For larger value capacitors, which are
intended to be effective at lower frequencies, the current return
path distance is less critical. In most cases, the 10 μF capacitor
can be shared by other precision integrated circuits.
AD8428
+VS
+IN
–IN
LOAD
REF
0.1µF
10µF
0.1µF
10µF
–VS
VOUT
Figure 40. Supply Decoupling, REF, and Output Referred to Local Ground
A ground plane layer is helpful to reduce undesired parasitic
inductances and to minimize voltage drops with changes in
current. The area of the current path is directly proportional
to the magnitude of parasitic inductances and, therefore, the
impedance of the path at high frequency. Large changes in
currents in an inductive decoupling path or ground return
create unwanted effects due to the coupling of such changes
into the amplifier inputs.
Because load currents flow from the supplies, the load should
be connected at the same physical location as the bypass capac-
itor grounds.
Reference Pin
The output voltage of the AD8428 is developed with respect to
the potential on the reference terminal. Ensure that REF is tied
to the appropriate local ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com