Electronic Components Datasheet Search
  English  ▼

X  

AD623 Datasheet(PDF) 8 Page - Analog Devices

Part # AD623
Description  Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD623 Datasheet HTML 4Page - Analog Devices AD623 Datasheet HTML 5Page - Analog Devices AD623 Datasheet HTML 6Page - Analog Devices AD623 Datasheet HTML 7Page - Analog Devices AD623 Datasheet HTML 8Page - Analog Devices AD623 Datasheet HTML 9Page - Analog Devices AD623 Datasheet HTML 10Page - Analog Devices AD623 Datasheet HTML 11Page - Analog Devices AD623 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8428
Data Sheet
Rev. 0 | Page 8 of 20
15
10
5
0
–15
–10
–5
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
VS = ±15V
VS = ±12V
VS = ±5V
Figure 9. Input Common-Mode Voltage vs. Output Voltage,
VS = ±5 V, VS = ±12 V, VS = ±15 V
18
0
–14
14
COMMON-MODE VOLTAGE (V)
2
4
6
8
10
12
14
16
–12 –10 –8 –6 –4 –2
0
2
4
6
8
10 12
–11.8V
+12V
Figure 10. Input Bias Current vs. Common-Mode Voltage,
VS = ±15 V
140
0
0.1
1
1M
100k
10k
1k
100
10
FREQUENCY (Hz)
20
40
60
80
100
120
+PSRR
–PSRR
Figure 11. PSRR vs. Frequency
72
–12
100
1k
10k
100k
100M
1M
10M
FREQUENCY (Hz)
–6
0
6
12
18
24
30
36
42
48
54
60
66
Figure 12. Gain vs. Frequency
170
80
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
90
100
GAIN = 2000
110
120
130
140
150
160
Figure 13. CMRR vs. Frequency
120
0
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
10
20
30
40
50
60
70
80
90
100
110
GAIN = 2000
Figure 14. CMRR vs. Frequency, 1 kΩ Source Imbalance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com