Electronic Components Datasheet Search
  English  ▼

X  

AD8228 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8228
Description  Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8228 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8228 Datasheet HTML 8Page - Analog Devices AD8228 Datasheet HTML 9Page - Analog Devices AD8228 Datasheet HTML 10Page - Analog Devices AD8228 Datasheet HTML 11Page - Analog Devices AD8228 Datasheet HTML 12Page - Analog Devices AD8228 Datasheet HTML 13Page - Analog Devices AD8228 Datasheet HTML 14Page - Analog Devices AD8228 Datasheet HTML 15Page - Analog Devices AD8228 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8428
Data Sheet
Rev. 0 | Page 12 of 20
1µs/DIV
0.002%/DIV
5V/DIV
752ns TO 0.01%
1408ns TO 0.001%
TIME (µs)
Figure 33. Large Signal Pulse Response and Settling Time,
10 V Step, VS = ±15 V
20mV/DIV
1µs/DIV
GAIN = 2000
Figure 34. Small Signal Pulse Response, RL = 10 kΩ, CL = 100 pF
50mV/DIV
1µs/DIV
NO LOAD
CL = 500pF
CL = 770pF
Figure 35. Small Signal Pulse Response with Various Capacitive Loads,
No Resistive Load
1800
0
2
4
6
8
1012
1416
18
20
STEP SIZE (V)
200
400
600
800
1000
1200
1400
1600
SETTLED TO 0.001%
SETTLED TO 0.01%
Figure 36. Settling Time vs. Step Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com