Electronic Components Datasheet Search
  English  ▼

X  

AD8624 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8624
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8624 Datasheet(HTML) 1 Page - Analog Devices

  AD8624 Datasheet HTML 1Page - Analog Devices AD8624 Datasheet HTML 2Page - Analog Devices AD8624 Datasheet HTML 3Page - Analog Devices AD8624 Datasheet HTML 4Page - Analog Devices AD8624 Datasheet HTML 5Page - Analog Devices AD8624 Datasheet HTML 6Page - Analog Devices AD8624 Datasheet HTML 7Page - Analog Devices AD8624 Datasheet HTML 8Page - Analog Devices AD8624 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
30 V, Micropower, Overvoltage Protection,
Rail-to-Rail Input/Output Amplifier
Data Sheet
ADA4096-2
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Input overvoltage protection, 32 V above and below
the supply rails
Rail-to-rail input and output swing
Low power: 60 μA per amplifier typical
Unity-gain bandwidth
800 kHz typical @ VSY = ±15 V
550 kHz typical @ VSY = ±5 V
465 kHz typical @ VSY = ±1.5 V
Single-supply operation: 3 V to 30 V
Low offset voltage: 300 μV maximum
High open-loop gain: 120 dB typical
Unity-gain stable
No phase reversal
Qualified for automotive applications
APPLICATIONS
Battery monitoring
Sensor conditioners
Portable power supply control
Portable instrumentation
PIN CONFIGURATIONS
OUTA
1
–INA
2
+INA
3
–V
4
+V
8
OUTB
7
–INB
6
+INB
5
ADA4096-2
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead, MSOP (RM-8)
+V
OUTB
–INB
+INB
ADA4096-2
TOP VIEW
(Not to Scale)
3
+INA
4
–V
1
OUTA
2
–INA
6
5
8
7
NOTES
1. CONNECT THE EXPOSED
PAD TO GROUND.
Figure 2. 8-Lead LFCSP (CP-8-10)
GENERAL DESCRIPTION
The ADA4096-2 operational amplifier features micropower
operation and rail-to-rail input and output ranges. The
extremely low power requirements and guaranteed operation
from 3 V to 30 V make these amplifiers perfectly suited to
monitor battery usage and to control battery charging. Their
dynamic performance, including 27 nV/√Hz voltage noise
density, recommends them for battery-powered audio applica-
tions. Capacitive loads to 200 pF are handled without oscillation.
The ADA4096-2 has overvoltage protection inputs and diodes
that allow the voltage input to extend 32 V above and below
the supply rails, making this device ideal for robust industrial
applications.
The ADA4096-2 features a unique input stage that allows the
input voltage to exceed either supply safely without any phase
reversal or latch-up; this is called overvoltage protection, or OVP.
The dual ADA4096-2 is available in 8-lead LFCSP (2 mm × 2 mm)
and 8-lead MSOP packages. The ADA409x family is specified
over the extended industrial temperature range (−40°C to +125°C)
and is part of the growing selection of 30 V, low power op amps
from Analog Devices, Inc. (see Table 1).
Table 1. Low Power, 30 V Operational Amplifiers
Op Amp
Rail-to-Rail I/O
PJFET
Low Noise
Dual
ADA4091-2
AD8682
AD8622
Quad
ADA4091-4
AD8684
AD8624


Similar Part No. - AD8624

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
550Kb / 20P
30 V, Micropower, Overvoltage Protection
REV. A
AD8624 AD-AD8624 Datasheet
165Kb / 4P
Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8624 AD-AD8624 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8624 AD-AD8624 Datasheet
596Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
Rev. D
AD8624 AD-AD8624 Datasheet
631Kb / 25P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
Rev. G
More results

Similar Description - AD8624

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
AD8546 AD-AD8546 Datasheet
862Kb / 24P
18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
ADA4096-2 AD-ADA4096-2 Datasheet
313Kb / 5P
36V, Micropower, Overvoltage Protection, Rail-to-Rail I/O Amplifiers
Rev. PrB
ADA4096-2_1107 AD-ADA4096-2_1107 Datasheet
738Kb / 20P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. 0
logo
Texas Instruments
LPV511 TI-LPV511_15 Datasheet
950Kb / 21P
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
ADA4096-2 AD-ADA4096-2_14 Datasheet
667Kb / 24P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com