Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 23 Page - Analog Devices

Part # AD797
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD797 Datasheet HTML 19Page - Analog Devices AD797 Datasheet HTML 20Page - Analog Devices AD797 Datasheet HTML 21Page - Analog Devices AD797 Datasheet HTML 22Page - Analog Devices AD797 Datasheet HTML 23Page - Analog Devices AD797 Datasheet HTML 24Page - Analog Devices AD797 Datasheet HTML 25Page - Analog Devices AD797 Datasheet HTML 26Page - Analog Devices AD797 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 23 of 28
MEDICAL ULTRASOUND APPLICATIONS
BEAMFORMER
CENTRAL CONTROL
Rx BEAMFORMER
(B AND F MODES)
COLOR
DOPPLER (PW)
PROCESSING
(F MODE)
IMAGE AND
MOTION
PROCESSING
(B MODE)
SPECTRAL
DOPPLER
PROCESSING
MODE
DISPLAY
AUDIO
OUTPUT
Tx BEAMFORMER
CW (ANALOG)
BEAMFORMER
ADA4896-2/
ADA4897-1
TRANSDUCER
ARRAY
HV
MUX/
DEMUX
T/R
SWITCHES
AD9279
AAF
VGA
LNA
ADC
Figure 53. Simplified Ultrasound System Block Diagram
Overview of the Ultrasound System
Medical ultrasound systems are among the most sophisticated
signal processing systems in widespread use today. By transmit-
ting acoustic energy into the body and receiving and processing
the returning reflections, ultrasound systems can generate
images of internal organs and structures, map blood flow
and tissue motion, and provide highly accurate blood velocity
information. Figure 53 shows a simplified block diagram of an
ultrasound system.
The ultrasound system consists of two main operations, the
time gain control (TGC) operation and the continuous wave
(CW) Doppler operation. The AD9279 integrates the essential
components of these two operations into a single IC. It contains
eight channels of a variable gain amplifier (VGA) with a low
noise preamplifier (LNA), an antialiasing filter (AAF), an
analog-to-digital converter (ADC), and an I/Q demodulator
with programmable phase rotation. For detailed information
about how to use the AD9279 in the ultrasound system, refer to
the AD9279 data sheet.
ADA4896-2/ADA4897-1 in the Ultrasound System
The ADA4896-2/ADA4897-1 are used in the CW Doppler path
in the ultrasound application after the I/Q demodulators of
the AD9279. Doppler signals can be typically between 100 Hz
to 100 kHz.The low noise floor, high dynamic range of the
ADA4896-2/ADA4897-1 makes them an excellent choice for
processing weak Doppler signals.
The rail-to-rail output feature and the high output current drive
of the ADA4896-2/ADA4897-1 make them a suitable candidate
for the I-to-V converter, summer, and as a ADC driver.
Figure 54 shows an interconnection block diagram of all eight
channels of the AD9279. Two stages of ADA4896-2 amplifiers
are used. The first stage does an I-to-V conversion and filters
the high frequency content that results from the demodulation
process. The second stage of ADA4896-2 amplifiers is used to
sum the output currents of multiple AD9279, to provide gain,
and to drive the AD7982, an 18-bit SAR ADC.
The output-referred noise of the CW signal path depends on
the LNA gain and the selection of the first stage summing
amplifier and the value of RFILT. To determine the output
referred noise, it is important to know the active low-pass
filter (LPF) values RA, RFILT, and CFILT, as shown as Figure 54.
Typical filter values for all eight channels of a single AD9279
are 100 Ω for RA, 500 Ω for RFILT, and 2.0 nF for CFILT; these
values implement a 100 kHz single-pole LPF.
The gain of the I-to-V converter can be increased by increasing
the filter resistor, RFILT. To keep the corner frequency the same,
decrease the filter capacitor, CFILT, by the same factor. The factor
limiting the magnitude of the gain is the output swing and drive
capability of the op amp selected for the I-to-V converter, in
this example, the ADA4896-2/ADA4897-1. Because any
amplifier has limited drive capability, there is a finite number of
channels that can be summed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com