Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7944
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 1 Page - Analog Devices

  AD7944 Datasheet HTML 1Page - Analog Devices AD7944 Datasheet HTML 2Page - Analog Devices AD7944 Datasheet HTML 3Page - Analog Devices AD7944 Datasheet HTML 4Page - Analog Devices AD7944 Datasheet HTML 5Page - Analog Devices AD7944 Datasheet HTML 6Page - Analog Devices AD7944 Datasheet HTML 7Page - Analog Devices AD7944 Datasheet HTML 8Page - Analog Devices AD7944 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1 nV/√Hz, Low Power,
Rail-to-Rail Output Amplifiers
ADA4896-2/ADA4897-1
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low wideband noise
1 nV/√Hz
2.8 pA/√Hz
Low 1/f noise
2.4 nV/√Hz @ 10 Hz
Low distortion: −115 dBc @ 100 kHz, VOUT = 2 V p-p
Low power: 3 mA/amp
Low input offset voltage: 0.5 mV maximum
High speed
230 MHz, −3 dB bandwidth (G = +1)
120 V/μs slew rate
45 ns settling time to 0.1%
Rail-to-rail output
Wide supply range: 3 V to 10 V
Disable feature (ADA4897-1)
APPLICATIONS
Low noise preamplifier
Ultrasound amplifiers
PLL loop filters
High performance ADC drivers
DAC buffers
GENERAL DESCRIPTION
The ADA4896-2/ADA4897-1 are unity gain stable, low noise,
rail-to-rail output, high speed voltage feedback amplifiers
that have a quiescent current of 3 mA. With the 1/f noise of
2.4 nV/√Hz at 10 Hz and a spurious-free dynamic range of
−80 dBc at 2 MHz, the ADA4896-2/ADA4897-1 are an ideal
solution in a variety of applications, including ultrasound, low
noise preamplifiers, and drivers of high performance ADCs.
The Analog Devices, Inc., proprietary next generation SiGe
bipolar process and innovative architecture enable such high
performance amplifiers.
TheADA4896-2/ADA4897-1 have 230 MHz bandwidth,
120 V/μs slew rate, and settle to 0.1% in 45 ns. With a wide
supply voltage range (3 V to 10 V), the ADA4896-2/ADA4897-1
are ideal candidates for systems that require high dynamic
range, precision, and high speed.
The ADA4896-2 is available in 8-lead LFCSP and 8-lead MSOP
packages. The ADA4897-1 is available in 8-lead SOIC and
6-lead SOT-23 packages. Both the ADA4896-2 and ADA4897-1
work over the extended industrial temperature range of −40°C
to +125°C.
FUNCTIONAL BLOCK DIAGRAM
NC 1
–IN 2
+IN 3
–VS 4
8
+VS
7
OUT
6
NC
5
DISABLE
Figure 1. 8-Lead SOIC (ADA4897-1)
0
1
2
3
4
5
6
7
8
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
5M
VS = ±5V
Figure 2. Voltage Noise vs. Frequency
Table 1. Other Low Noise Amplifiers
Part Number
VN (nV/√Hz)
@ 1 kHz
VN (nV/√Hz)
@ 100 kHz
BW (MHz)
Supply
Voltage (V)
AD797
0.9
0.9
8
10 to 30
AD8021
5
2.1
490
5 to 24
AD8099
7
0.95
510
5 to 12
AD8045
6
3
1000
3.3 to 12
ADA4899-1
1.4
1
600
5 to 12
ADA4898-1/
ADA4898-2
0.9
0.9
65
10 to 32
Table 2. Complementary ADCs
Part Number
Bits
Speed (MSPS)
Power (mW)
AD7944
14
2.5
15.5
AD7985
16
2.5
15.5
AD7986
18
2
15


Similar Part No. - AD7944

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7944 AD-AD7944 Datasheet
480Kb / 20P
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
6/04-Revision 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
632Kb / 28P
1 nV/?숰z, Low Power
REV. B
AD7944 AD-AD7944 Datasheet
689Kb / 29P
15.5 mW ADC in LFCSP
27-Sep-2017
AD7944BCPZ AD-AD7944BCPZ Datasheet
582Kb / 28P
14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
More results

Similar Description - AD7944

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8676 AD-AD8676 Datasheet
492Kb / 12P
Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
10/06-Revision 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
ADA4895-2ARMZ-R7 AD-ADA4895-2ARMZ-R7 Datasheet
490Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
logo
Analog Devices
ADA4807-1 AD-ADA4807-1 Datasheet
748Kb / 33P
3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
Rev. B
ADA4895-1 AD-ADA4895-1 Datasheet
591Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
Rev. B
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
Rev. E
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com