Electronic Components Datasheet Search
  English  ▼

X  

ADL5565 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5565
Description  6 GHz Ultrahigh Dynamic Range Differential Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5565 Datasheet HTML 6Page - Analog Devices ADL5565 Datasheet HTML 7Page - Analog Devices ADL5565 Datasheet HTML 8Page - Analog Devices ADL5565 Datasheet HTML 9Page - Analog Devices ADL5565 Datasheet HTML 10Page - Analog Devices ADL5565 Datasheet HTML 11Page - Analog Devices ADL5565 Datasheet HTML 12Page - Analog Devices ADL5565 Datasheet HTML 13Page - Analog Devices ADL5565 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADL5565
Rev. 0 | Page 10 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIP2
VIP1
VIN1
VIN2
VOP
ENBL
VON
VCOM
NOTES
1. EXPOSED PADDLE IS INTERNALLY
CONNECT TO GND AND MUST BE
SOLDERED TO A LOW IMPEDANCE
GROUND PLANE.
12
11
10
1
3
4
9
2
TOP
VIEW
ADL5565
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIP2
Balanced Differential Input. Biased to VCOM, typically ac-coupled. Input for AV = 12 dB gain, strapped to
VIP1 for AV = 15.5 dB.
2
VIP1
Balanced Differential Input. Biased to VCOM, typically ac-coupled. Input for AV = 6 dB gain, strapped to
VIP2 for AV = 15.5 dB.
3
VIN1
Balanced Differential Input. Biased to VCOM, typically ac-coupled. Input for AV = 6 dB gain, strapped to
VIN2 for AV = 15.5 dB.
4
VIN2
Balanced Differential Input. Biased to VCOM, typically ac-coupled. Input for AV = 12 dB gain, strapped to
VIN1 for AV = 15.5 dB.
5, 6, 7, 8
VCC
Positive Supply.
9
VCOM
Common-Mode Voltage. A voltage applied to this pin sets the common-mode voltage of the input and
output. Typically decoupled to ground with a 0.1 μF capacitor. With no reference applied, input and
output common mode floats to midsupply (VCC/2).
10
VON
Balanced Differential Output. Biased to VCOM, typically ac-coupled.
11
VOP
Balanced Differential Output. Biased to VCOM, typically ac-coupled.
12
ENBL
Enable. Apply positive voltage (1.3 V < ENBL < VCC) to activate device.
13, 14, 15, 16,
Exposed Paddle
GND
Ground. Exposed paddle is internally connected to GND and must be soldered to a low impedance
ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com