Electronic Components Datasheet Search
  English  ▼

X  

LBT10201 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT10201
Description  102MHz SAW Filter 9.2MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT10201 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT10201 Datasheet HTML 1Page - SIPAT Co,Ltd LBT10201 Datasheet HTML 2Page - SIPAT Co,Ltd LBT10201 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT10201
Rev. Date
2011-12-12
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
102MHz SAW Filter
9.2MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT10201
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
101.85
102
102.15
Insertion Loss
dB
-
23
25.5
1 dB Bandwidth
MHz
9.16
9.28
-
35 dB Bandwidth
MHz
-
10.26
10.4
Amplitude ripple(+/-4.5MHz)
dB
-
0.7
1.2
Group Delay Variation(+4.5MHz)
ns
145.6
200
Absolute Delay
usec
-
2.51
-
Ultimate Rejection
(f0±5.2MHz)
dB
30
40
-
(f0±6MHz)
dB
42
45
(f0±10MHz)
dB
45
46
Material Temperature coefficient
KHz/°C
-1.84
Substrate Material
-
112LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+85
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP2012 (20.1x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBT10201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT10201 SIPAT-LBT10201 Datasheet
148Kb / 3P
102MHz SAW Filter 9.2MHz Bandwidth
More results

Similar Description - LBT10201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN16032 SIPAT-LBN16032 Datasheet
139Kb / 3P
160MHz SAW Filter 9.2MHz Bandwidth
LBN09509 SIPAT-LBN09509 Datasheet
320Kb / 3P
95MHz SAW Filter 9.2MHz Bandwidth
LBT08506 SIPAT-LBT08506 Datasheet
148Kb / 3P
84.5MHz SAW Filter 9.2MHz Bandwidth
LBN16032 SIPAT-LBN16032 Datasheet
144Kb / 3P
160MHz SAW Filter 9.2MHz Bandwidth
LBT08506 SIPAT-LBT08506 Datasheet
148Kb / 3P
84.5MHz SAW Filter 9.2MHz Bandwidth
LBT10201 SIPAT-LBT10201 Datasheet
148Kb / 3P
102MHz SAW Filter 9.2MHz Bandwidth
logo
Oscilent Corporation
813-IF160.0M-P OSCILENT-813-IF160.0M-P Datasheet
123Kb / 4P
160MHz IF SAW Filter 9.2MHz Bandwidth
logo
Integrated Technology F...
250917B ITF-250917B Datasheet
181Kb / 2P
Typical 1dB bandwidth of 9.2MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com