Electronic Components Datasheet Search
  English  ▼

X  

ADP5034 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5034
Description  Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5034 Datasheet(HTML) 5 Page - Analog Devices

  ADP5034 Datasheet HTML 1Page - Analog Devices ADP5034 Datasheet HTML 2Page - Analog Devices ADP5034 Datasheet HTML 3Page - Analog Devices ADP5034 Datasheet HTML 4Page - Analog Devices ADP5034 Datasheet HTML 5Page - Analog Devices ADP5034 Datasheet HTML 6Page - Analog Devices ADP5034 Datasheet HTML 7Page - Analog Devices ADP5034 Datasheet HTML 8Page - Analog Devices ADP5034 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADP5034
Rev. A | Page 5 of 28
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VOLTAGE FEEDBACK
VFB3, VFB4
0.485
0.5
0.515
V
DROPOUT VOLTAGE4
VDROPOUT
VOUT3 = VOUT4 = 5.2 V, IOUT3 = IOUT4 = 300 mA
50
mV
VOUT3 = VOUT4 = 3.3 V, IOUT3 = IOUT4 = 300 mA
75
140
mV
VOUT3 = VOUT4 = 2.5 V, IOUT3 = IOUT4 = 300 mA
100
mV
VOUT3 = VOUT4 = 1.8 V, IOUT3 = IOUT4 = 300 mA
180
mV
CURRENT-LIMIT THRESHOLD5
ILIMIT3, ILIMIT4
335
600
mA
ACTIVE PULL-DOWN
RPDWN-L
Channel disabled
600
Ω
OUTPUT NOISE
Regulator LDO1
NOISELDO1
10 Hz to 100 kHz, VIN3 = 5 V, VOUT3 = 2.8 V
100
μV rms
Regulator LDO2
NOISELDO2
10 Hz to 100 kHz, VIN4 = 5 V, VOUT4 = 1.2 V
60
μV rms
POWER SUPPLY REJECTION
RATIO
PSRR
Regulator LDO1
10 kHz, VIN3 = 3.3 V, VOUT3 = 2.8 V, IOUT3 = 1 mA
60
dB
100 kHz, VIN3 = 3.3 V, VOUT3 = 2.8 V, IOUT3 = 1 mA
62
dB
1 MHz, VIN3 = 3.3 V, VOUT3 = 2.8 V, IOUT3 = 1 mA
63
dB
Regulator LDO2
10 kHz, VIN4 = 1.8 V, VOUT4 = 1.2 V, IOUT4 = 1 mA
54
dB
100 kHz, VIN4 = 1.8 V, VOUT4 = 1.2 V, IOUT4 = 1 mA
57
dB
1 MHz, VIN4 = 1.8 V, VOUT4 = 1.2 V, IOUT4 = 1 mA
64
dB
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2 This is the input current into VIN3/VIN4, which is not delivered to the output load.
3 Based on an endpoint calculation using 1 mA and 300 mA loads.
4 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only to output voltages
above 1.7 V.
5 Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, or 2.7 V.
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
TA = −40°C to +125°C, unless otherwise specified.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
SUGGESTED INPUT AND OUTPUT CAPACITANCE
BUCK1, BUCK2 Input Capacitor
CMIN1, CMIN2
4.7
40
μF
BUCK1, BUCK2 Output Capacitor
CMIN1, CMIN2
7
40
μF
LDO1, LDO21 Input and Output Capacitor
CMIN3, CMIN4
0.70
μF
CAPACITOR ESR
RESR
0.001
1
Ω
1 The minimum input and output capacitance should be greater than 0.70 μF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R- and X5R-type capacitors are
recommended; Y5V and Z5U capacitors are not recommended for use because of their poor temperature and dc bias characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com