Electronic Components Datasheet Search
  English  ▼

X  

HT37Q70 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT37Q70
Description  4-Channel Music Synthesizer MCU
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37Q70 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT37Q70 Datasheet HTML 1Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 2Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 3Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 4Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 5Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 6Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 7Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 8Page - Holtek Semiconductor Inc HT37Q70 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
HT37Q70/60/50/40/30/20
4-Channel Music Synthesizer MCU
Rev. 1.00
1
February 17, 2009
Features
· Operating voltage:
3.6V~5.5V (HT37Q70/60)
3.3V~5.5V (HT37Q50/40)
2.4V~5.5V (HT37Q30/20)
· Operating frequency: typical 11.059MHz
· Oscillation modes for the Oscillator clock
fOSC: Crystal (11.059MHz)
1-pin RC oscillation typ. 11.059MHz
· Built-in 8-bit MCU (HT-8) with 320´8 bits RAM
· Built-in 32K´16-bits to 256K´16-bits ROM for
program/data shared
· Eight-level subroutine nesting
· Two 8 bit timer and one 16 bit timer
· Watchdog timer
· Power-down and Wake-up features for power saving
operation
· 16-bit table read instructions for any bank/page read
· Support 16 to 28 bidirectional I/O lines
· Integrated 1-ch mono 16-bit DAC
converter
· Integrated power Amplifier
· Four channel polyphonic synthesizer
· Low voltage reset (Tolerance ± 10%)
· External interrupt INT
· External 2 Timer clock input
· 4 or 8 touch switch input
· ADPCM decoder
· Bit manipulation instructions
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
General Description
The device is an 8-bit high performance RISC architec-
ture microcontroller specifically designed for various
Music and ADPCM applications. It provides an 8-bit
MCU and 4-channel Wavetable synthesizer. It has a in-
tegrated 8-bit micro controller which controls the syn-
thesizer to generate the melody by setting the special
register. A Power-down function is included to reduce
power consumption.
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note
Selection Table
Most features are common to all devices, the main feature distinguishing them are Program Memory capacity, I/O
count, DAC output, R2F input and package types. The following table summarizes the main features of each device.
Part No.
VDD
Channel
OSC
Program
ROM
RAM
I/O
D/A
Power
AMP
CR/F
LVR
Package
Types
HT37Q20
2.4V~
5.5V
2+2
11.059
MHz
32K
´16bit
320
´8bit
16
1ch-mono
¾
4
2.2V/
3.3V
20/28SOP
HT37Q30
64K
´16bit
20
Ö
8
2.2V/
3.3V
28SOP,
48SSOP
HT37Q40
3.3V~
5.5V
96K
´16bit
28
Ö
8
3.0V
28SOP,
64QFP,
80LQFP
HT37Q50
128K
´16bit
28
Ö
8
HT37Q60
3.6V~
5.5V
192K
´16bit
28
Ö
8
3.3V
HT37Q70
256K
´16bit
28
Ö
8


Similar Part No. - HT37Q70

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT3786D HOTCHIP-HT3786D Datasheet
292Kb / 5P
Li-ion Battery Charger
Ver1.0
logo
Holtek Semiconductor In...
HT37A20 HOLTEK-HT37A20 Datasheet
709Kb / 85P
8-Channel Music Synthesizer MCU
HT37A30 HOLTEK-HT37A30 Datasheet
709Kb / 85P
8-Channel Music Synthesizer MCU
HT37A40 HOLTEK-HT37A40 Datasheet
709Kb / 85P
8-Channel Music Synthesizer MCU
HT37A50 HOLTEK-HT37A50 Datasheet
709Kb / 85P
8-Channel Music Synthesizer MCU
More results

Similar Description - HT37Q70

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
8-Bit Music Synthesizer MCU
June 19, 2003
HT36A3 HOLTEK-HT36A3 Datasheet
145Kb / 11P
8-Bit Music Synthesizer MCU
June 30, 2003
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
8-Bit Music Synthesizer MCU
July 2, 2003
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
Music Synthesizer 8-Bit MCU
August 15, 2005
HT36B0 HOLTEK-HT36B0 Datasheet
161Kb / 13P
8-Bit Music Synthesizer MCU
June 30, 2003
HT36B4 HOLTEK-HT36B4 Datasheet
276Kb / 38P
Music Synthesizer 8-Bit MCU
October 18, 2006
HT36A4 HOLTEK-HT36A4_07 Datasheet
301Kb / 38P
Music Synthesizer 8-Bit MCU
March 12, 2007
HT36B2 HOLTEK-HT36B2_05 Datasheet
347Kb / 39P
8-Bit Music Synthesizer MCU
March 10, 2005
HT36M4 HOLTEK-HT36M4_07 Datasheet
240Kb / 24P
Music Synthesizer 8-Bit MCU
March 14, 2007
HT37A70 HOLTEK-HT37A70 Datasheet
709Kb / 85P
8-Channel Music Synthesizer MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com