Electronic Components Datasheet Search
  English  ▼

X  

HT37Q50 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT37Q50
Description  4-Channel Music Synthesizer MCU
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37Q50 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT37Q50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT37Q50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT37Q50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT37Q50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT37Q50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT37Q50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT37Q50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT37Q50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT37Q50 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
Pad Description
HT37Q70, HT37Q60, HT37Q50, HT37Q40
Pad Name
I/O
Configuration
Option
Function
VDD
¾¾
Positive digital power supply
VDD_DAC
¾¾
Positive DAC circuit power supply
VDD_AMP
¾¾
Positive power Amp. power supply
VSS
¾¾
Negative digital power supply, ground
VSS_DAC
¾¾
Negative DAC power supply, ground
VSS_AMP
¾¾
Negative AMP power supply, ground
PA0~PA4
PA5/INT
PA6/TMR0
PA7/TMR1
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each pin can be configured as a wake-up
input by configuration option. Software instructions determine if the pin is a
CMOS output or Schmitt Trigger input. Configuration options determine if all
pins on this port have pull-high resistors. Pins PA5, PA6 and PA7 are
pin-shared with INT, TMR0 and TMR1, respectively.
PB0~PB7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. A configuration option determines
if all pins on this port have pull-high resistors.
PC0/K0~
PC7/K7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. A configuration option determines
if all pins on this port have pull-high resistors. Pins PC0 ~ PC7 are pin-shared
with K0 and K7, respectively (K0~K7 are CR/F function).
PD0/RCOUT
PD1/RR
PD2/RC
PD3/CC
I/O
Pull-high
Bi-directional 4-bit I/O port. Software instructions determined the CMOS out-
put or Schmitt trigger with a pull-high resistor (determined by pull-high option:
by option).
Pins PD0~PD3 are pin-shared with CR/F OSC input pins RCOUT, RR, RC
and CC.
RCOUT, RR, RC and CC control pin for CR/F Function.
RCH
O
¾
Audio right channel output
SP1, SP0
O
¾
Power Amp. output pins
AUD_IN
I
¾
Power Amp. input pin
VBIAS
O
¾
Power Amp. voltage bias reference pin.
RES
I
¾
Schmitt Trigger reset input, active low
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an external RC network or external crystal,
determined by configuration option, for the internal system clock. If the RC
system clock option is selected, pin OSC2 can be used to measure the sys-
tem clock at 1/8 frequency.
NC
¾¾
No connection
Note: 1. Each pin on PA can be programmed through a configuration option to have a wake-up function.
2. Individual pins can be selected to have pull-high resistors.
3. Because the two timers are used by MIDI the external timer pin functions are disabled.
HT37Q70/60/50/40/30/20
Rev. 1.00
9
February 17, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com