Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 62Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 63Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 64Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 65Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 66Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 67Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 68Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 69Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 242 page
background image
Rev. 1.50
66
March 06 , 2012
Rev. 1.50
67
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
SLOW Mode to NORMAL Mode Switching
In SLOW Mode the system uses either the LXT or LIRC low speed system oscillator. To switch
back to the NORMAL Mode, where the high speed system oscillator is used, the HLCLK bit should
be set to "1" or HLCLK bit is "0", but CKS2~CKS0 is set to "010", "011", "100", "101", "110" or
"111". As a certain amount of time will be required for the high frequency clock to stabilise, the
status of the HTO bit is checked. The amount of time required for high speed system oscillator
stabilization depends upon which high speed system oscillator type is used.
Entering the SLEEP0 Mode
There is only one way for the device to enter the SLEEP0 Mode and that is to execute the "HALT"
instruction in the application program with the IDLEN bit in SMOD register equal to "0" and the
WDT and LVD both off. When this instruction is executed under the conditions described above, the
following will occur:
● The system clock, WDT clock and Time Base clock will be stopped and the application program
will stop at the "HALT" instruction.
● The Data Memory contents and registers will maintain their present condition.
● The WDT will be cleared and stopped no matter if the WDT clock source originates from the fSUB
clock or from the system clock.
● The I/O ports will maintain their present conditions.
● In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO,
will be cleared.
Entering the SLEEP1 Mode
There is only one way for the device to enter the SLEEP1 Mode and that is to execute the "HALT"
instruction in the application program with the IDLEN bit in SMOD register equal to "0" and the
WDT or LVD on. When this instruction is executed under the conditions described above, the
following will occur:
● The system clock and Time Base clock will be stopped and the application program will stop at
the "HALT" instruction, but the WDT or LVD will remain with the clock source coming from the
fSUB clock.
● The Data Memory contents and registers will maintain their present condition.
● The WDT will be cleared and resume counting if the WDT clock source is selected to come from
the fSUB clock as the WDT is enabled.
● The I/O ports will maintain their present conditions.
● In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO,
will be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com