Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 101 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 101 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 97Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 98Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 99Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 100Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 101Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 102Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 103Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 104Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 105Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
100
March 06 , 2012
Rev. 1.50
101
March 06 , 2012
Device
CTM
STM
ETM
Registers
HT67F30
TP0_0, TP0_1
—
TP1A, TP1B_0,
TP1B_1
TMPC0
HT67F40
TP0_0, TP0_1
TP2_0, TP2_1
TP1A, TP1B_0,
TP1B_1, TP1B_2
TMPC0, TMPC1
HT67F50
TP0_0, TP0_1
TP3_0, TP3_1
TP2_0, TP2_1
TP1A, TP1B_0,
TP1B_1, TP1B_2
TMPC0, TMPC1
HT67F60
TP0_0, TP0_1
TP3_0, TP3_1
TP2_0, TP2_1
TP1A, TP1B_0,
TP1B_1, TP1B_2
TMPC0, TMPC1
TM Output Pins
TM Input/Output Pin Control Registers
Selecting to have a TM input/output or whether to retain its other shared function, is implemented
using one or two registers, with a single bit in each register corresponding to a TM input/output pin.
Setting the bit high will setup the corresponding pin as a TM input/output, if reset to zero the pin
will retain its original other function.
Registers Device
Bit
7
6
5
4
3
2
1
0
TMPC0 HT67F30 T1ACP0
—
T1BCP1 T1BCP0
—
—
T0CP1 T0CP0
TMPC0
HT67F40
HT67F50
HT67F60
T1ACP0 T1BCP2 T1BCP1 T1BCP0
—
—
T0CP1 T0CP0
TMPC1 HT67F40
—
—
—
—
—
—
T2CP1 T2CP0
TMPC1 HT67F50
HT67F60
—
—
T3CP1 T3CP0
—
—
T2CP1 T2CP0
TM Input/Output Pin Control Registers List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com