Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 187 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 187 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 183Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 184Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 185Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 186Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 187Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 188Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 189Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 190Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 191Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
186
March 06 , 2012
Rev. 1.50
187
March 06 , 2012
INTEG Register
●
HT67F30/HT67F40/HT67F50
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
INT1S1
INT1S0
INT0S1
INT0S0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit 7~4
unimplemented, read as "0"
Bit 3~2
INT1S1, INT1S0: interrupt edge control for INT1 pin
00: disable
01: rising edge
10: falling edge
11: rising and falling edges
Bit 1~0
INT0S1, INT0S0: interrupt edge control for INT0 pin
00: disable
01: rising edge
10: falling edge
11: rising and falling edges
●
HT67F60
Bit
7
6
5
4
3
2
1
0
Name
INT3S1
INT3S0
INT2S1
INT2S0
INT1S1
INT1S0
INT0S1
INT0S0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~6
INT3S1, INT3S0: Interrupt edge control for INT3 pin
00: disable
01: rising edge
10: falling edge
11: rising and falling edges
Bit 5~4
INT2S1, INT2S0: interrupt edge control for INT2 pin
00: disable
01: rising edge
10: falling edge
11: rising and falling edges
Bit 3~2
INT1S1, INT1S0: interrupt edge control for INT1 pin
00: disable
01: rising edge
10: falling edge
11: rising and falling edges
Bit 1~0
INT0S1, INT0S0: interrupt edge control for INT0 pin
00: disable
01: rising edge
10: falling edge
11: rising and falling edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com