Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 198 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 198 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 194Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 195Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 196Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 197Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 198Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 199Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 200Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 201Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 202Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 242 page
background image
Rev. 1.50
198
March 06 , 2012
Rev. 1.50
199
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
However, it must be noted that, although the Multi-function Interrupt flags will be automatically
reset when the interrupt is serviced, the request flags from the original source of the Multi-function
interrupts, namely the TM Interrupts, SIM Interrupt, SPIA Interrupt, External Peripheral Interrupt,
LVD interrupt and EEPROM Interrupt will not be automatically reset and must be manually reset by
the application program.
A/D Converter Interrupt
The A/D Converter Interrupt is controlled by the termination of an A/D conversion process. An A/D
Converter Interrupt request will take place when the A/D Converter Interrupt request flag, ADF, is
set, which occurs when the A/D conversion process finishes. To allow the program to branch to its
respective interrupt vector address, the global interrupt enable bit, EMI, and A/D Interrupt enable
bit, ADE, must first be set. When the interrupt is enabled, the stack is not full and the A/D
conversion process has ended, a subroutine call to the A/D Converter Interrupt vector, will take
place. When the interrupt is serviced, the A/D Converter Interrupt flag, ADF, will be automatically
cleared. The EMI bit will also be automatically cleared to disable other interrupts.
Time Base Interrupts
The function of the Time Base Interrupts is to provide regular time signal in the form of an internal
interrupt. They are controlled by the overflow signals from their respective timer functions. When these
happens their respective interrupt request flags, TB0F or TB1F will be set. To allow the program to
branch to their respective interrupt vector addresses, the global interrupt enable bit, EMI and Time Base
enable bits, TB0E or TB1E, must first be set. When the interrupt is enabled, the stack is not full and the
Time Base overflows, a subroutine call to their respective vector locations will take place. When the
interrupt is serviced, the respective interrupt request flag, TB0F or TB1F, will be automatically reset
and the EMI bit will be cleared to disable other interrupts.
The purpose of the Time Base Interrupt is to provide an interrupt signal at fixed time periods. Their
clock sources originate from the internal clock source fTB. This fTB input clock passes through a
divider, the division ratio of which is selected by programming the appropriate bits in the TBC
register to obtain longer interrupt periods whose value ranges. The clock source that generates fTB,
which in turn controls the Time Base interrupt period, can originate from several different sources,
as shown in the System Operating Mode section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com