Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 224 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 224 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 220Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 221Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 222Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 223Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 224Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 225Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 226Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 227Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 228Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 242 page
background image
Rev. 1.50
224
March 06 , 2012
Rev. 1.50
225
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Instruction Set
Introduction
Central to the successful operation of any microcontroller is its instruction set, which is a set of
program instruction codes that directs the microcontroller to perform certain operations. In the case
of Holtek microcontrollers, a comprehensive and flexible set of over 60 instructions is provided to
enable programmers to implement their application with the minimum of programming overheads.
For easier understanding of the various instruction codes, they have been subdivided into several
functional groupings.
Instruction Timing
Most instructions are implemented within one instruction cycle. The exceptions to this are branch,
call, or table read instructions where two instruction cycles are required. One instruction cycle is
equal to 4 system clock cycles, therefore in the case of an 8MHz system oscillator, most instructions
would be implemented within 0.5μs and branch or call instructions would be implemented within
1μs. Although instructions which require one more cycle to implement are generally limited to the
JMP, CALL, RET, RETI and table read instructions, it is important to realize that any other
instructions which involve manipulation of the Program Counter Low register or PCL will also take
one more cycle to implement. As instructions which change the contents of the PCL will imply a
direct jump to that new address, one more cycle will be required. Examples of such instructions
would be "CLR PCL" or "MOV PCL, A". For the case of skip instructions, it must be noted that if
the result of the comparison involves a skip operation then this will also take one more cycle, if no
skip is involved then only one cycle is required.
Moving and Transferring Data
The transfer of data within the microcontroller program is one of the most frequently used
operations. Making use of three kinds of MOV instructions, data can be transferred from registers to
the Accumulator and vice-versa as well as being able to move specific immediate data directly into
the Accumulator. One of the most important data transfer applications is to receive data from the
input ports and transfer data to the output ports.
Arithmetic Operations
The ability to perform certain arithmetic operations and data manipulation is a necessary feature of
most microcontroller applications. Within the Holtek microcontroller instruction set are a range of
add and subtract instruction mnemonics to enable the necessary arithmetic to be carried out. Care
must be taken to ensure correct handling of carry and borrow data when results exceed 255 for
addition and less than 0 for subtraction. The increment and decrement instructions INC, INCA, DEC
and DECA provide a simple means of increasing or decreasing by a value of one of the values in the
destination specified.
Logical and Rotate Operations
The standard logical operations such as AND, OR, XOR and CPL all have their own instruction
within the Holtek microcontroller instruction set. As with the case of most instructions involving
data manipulation, data must pass through the Accumulator which may involve additional
programming steps. In all logical data operations, the zero flag may be set if the result of the
operation is zero. Another form of logical data manipulation comes from the rotate instructions such
as RR, RL, RRC and RLC which provide a simple means of rotating one bit right or left. Different



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com