Electronic Components Datasheet Search
  English  ▼

X  

HT16525 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT16525
Description  5x8 Dot Character VFD Controller & Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16525 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT16525 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Rev. 1.00
5
January 18, 2012
HT16525
D.C. Characteristics
VH=50V, VSS=0V, Ta=-40°C ~ 85°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Logic Supply Voltage
—
—
2.7
5.0
5.5
V
VH
VFD Supply Voltage
—
—
20
—
60
V
IDD1
VDD Operating Current
5V fOSC=2MHz, no load, Duty=15/16,
Digit=1 to 24, All output lights
ON, MCU no write data or
command, P2 and P1=high
—
—
2
mA
3V
—
—
1
IDD2
VDD Operating Current
5V fOSC=2MHz, no load, Duty=15/16,
Digit=1 to 24, Stop scan, MCU
no write data or command, P2
and P1=high
—
—
2
mA
3V
—
—
1
ISTB
VDD Standby Current
5V
Standby mode
—
2
—
μA
3V
—
2
—
IH1
VH Operating Current
—
fOSC=2MHz, no load, Duty=15/16,
Digit=1 to 24, All output lights
ON, MCU no write data or
command, P2 and P1=high
—
—
1
mA
IH2
VH Operating Current
—
fOSC=2MHz, no load, Duty=15/16,
Digit=1 to 24, Stop scan, MCU
no write data or command, P2
and P1=high
—
—
20
μA
IH_STB
VH Standby Current
—
Standby mode
—
—
20
μA
VIH
High Level Input Voltage
5V
CS, SCK, SI, RST
0.8VDD
—
—
V
3V
VIL
Low Level Input Voltage
5V
CS, SCK, SI, RST
—
—
0.2VDD
V
3V
IIH
High Level Input Current
5V
VIH=VDD, CS, SCK, SI, RST
—
—
1
μA
3V
IIL
Low Level Input Current
5V
VIL=0V, CS, SCK, SI, RST
-1
—
—
μA
3V
VOH1
High Level Output Voltage
5V
G1~G24, IOH1=-15mA
45
—
—
V
3V
VOH2
5V
AD1, AD2, IOH2=-7mA
46
—
—
V
3V
VOH3
5V
S1~S40, IOH3=-1mA
46
—
—
V
3V
VOH4
5V
P1, P2
IOH4=-2mA
0.9VDD
—
—
V
3V
IOH4=-1mA
0.9VDD
—
—
VOL1
Low Level Output Voltage
5V
G1~G24, IOL1=1mA
—
—
5
V
3V
VOL2
5V
AD1, AD2, IOL2=1mA
—
—
5
V
3V
VOL3
5V
S1~S40, IOL3=1mA
—
—
5
V
3V
VOL4
5V
P1, P2
IOL4=20mA
—
—
1
V
3V
IOL4=10mA
—
—
1
RPD
Pull Down Resistor
5V
TEST Pin
—
50
100
kW
3V
—
100
200
kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com