Electronic Components Datasheet Search
  English  ▼

X  

HT83004 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT83004
Description  Q-VoiceTM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83004 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT83004 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
HT83XXX
Rev. 1.60
15
November 19, 2008
Power Down
- HALT
The HALT mode is initialized by a
²HALT² instruction
and results in the following:
· The system oscillator will be turned off but the WDT
oscillator keeps running (if the WDT oscillator is se-
lected).
· The contents of the on chip RAM and registers remain
unchanged.
· WDT and WDT prescaler will be cleared and recount
again.
· All I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². By examining the TO and PDF
flags, the reason for the chip reset can be determined.
The PDF flag is cleared when the system powers-up or
executes the
²CLR WDT² instruction, and is set when
the
²HALT² instruction is executed. The TO flag is set if a
WDT time-out occurs, and causes a wake-up that only
resets the Program Counter and Stack Pointer. The
other maintain their original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake up the
device by mask option. Awakening from an I/O port
stimulus, the program will resume execution of the next
instruction. If awakening from an interrupt, two se-
quence may occur. If the related interrupt is disabled or
the interrupt is enabled by the stack is full, the program
will resume execution at the next instruction. If the inter-
rupt is enabled and the stack is not full, the regular inter-
rupt response takes place.
Once a wake-up event occurs, it takes 1024 system
clock period to resume normal operation. In other
words, a dummy cycle period will be inserted after a
wake-up. If the wake-up results from an interrupt ac-
knowledge, the actual interrupt subroutine will be de-
layed by one more cycle. If the wake-up results in next
instruction execution, this will be executed immediately
after a dummy period is finished. If an interrupt request
flag is set to
²1² before entering the HALT mode, the
wake-up function of the related interrupt will be dis-
abled. To minimize power consumption, all I/O pins
should be carefully managed before entering the HALT
status.
Reset
There are 3 ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT is different from other
chip reset conditions, since it can perform a
²warm re -
set
² that resets only the Program Counter and SP, leav-
ing the other circuits in their original state. Some regis-
ters remain unchanged during any other reset
conditions. Most registers are reset to their
²initial condi-
tion
² when the reset conditions are met. By examining
the PDF flag and TO flag, the program can distinguish
between different
²chip resets².
TO
PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² stands for ²unchanged²
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset Timing Chart
R E S
V D D
Reset Circuit
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
M a s k
O p t i o n
S e l e c t
W D T
O S C
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com