| Electronic Components Datasheet Search |
|
HT83038 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83038 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc |
|
27 / 40 page ![]() INC [m] Increment Data Memory Description Data in the specified Data Memory is incremented by 1. Operation [m] ¬ [m]+1 Affected flag(s) Z INCA [m] Increment Data Memory with result in ACC Description Data in the specified Data Memory is incremented by 1. The result is stored in the Accumu- lator. The contents of the Data Memory remain unchanged. Operation ACC ¬ [m]+1 Affected flag(s) Z JMP addr Jump unconditionally Description The contents of the Program Counter are replaced with the specified address. Program execution then continues from this new address. As this requires the insertion of a dummy instruction while the new address is loaded, it is a two cycle instruction. Operation Program Counter ¬ addr Affected flag(s) None MOV A,[m] Move Data Memory to ACC Description The contents of the specified Data Memory are copied to the Accumulator. Operation ACC ¬ [m] Affected flag(s) None MOV A,x Move immediate data to ACC Description The immediate data specified is loaded into the Accumulator. Operation ACC ¬ x Affected flag(s) None MOV [m],A Move ACC to Data Memory Description The contents of the Accumulator are copied to the specified Data Memory. Operation [m] ¬ ACC Affected flag(s) None NOP No operation Description No operation is performed. Execution continues with the next instruction. Operation No operation Affected flag(s) None OR A,[m] Logical OR Data Memory to ACC Description Data in the Accumulator and the specified Data Memory perform a bitwise logical OR oper- ation. The result is stored in the Accumulator. Operation ACC ¬ ACC ²OR² [m] Affected flag(s) Z HT83XXX Rev. 1.60 27 November 19, 2008 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |