Electronic Components Datasheet Search
  English  ▼

X  

BUP602D Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BUP602D
Description  IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUP602D Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  BUP602D Datasheet HTML 1Page - Siemens Semiconductor Group BUP602D Datasheet HTML 2Page - Siemens Semiconductor Group BUP602D Datasheet HTML 3Page - Siemens Semiconductor Group BUP602D Datasheet HTML 4Page - Siemens Semiconductor Group BUP602D Datasheet HTML 5Page - Siemens Semiconductor Group BUP602D Datasheet HTML 6Page - Siemens Semiconductor Group BUP602D Datasheet HTML 7Page - Siemens Semiconductor Group BUP602D Datasheet HTML 8Page - Siemens Semiconductor Group BUP602D Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
Jul-31-1996
BUP 602D
Typ. forward characteristics
IF = f (VF)
parameter:
Tj
0.0
0.5
1.0
1.5
2.0
V
3.0
V
F
0
5
10
15
20
25
30
A
40
I
F
T
j=25°C
=125°C
j
T
Transient thermal impedance
Diode
Zth JC = ƒ(tp)
parameter:
D = tp / T
-4
10
-3
10
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com