Electronic Components Datasheet Search
  English  ▼

X  

BUP604 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BUP604
Description  IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUP604 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BUP604 Datasheet HTML 1Page - Siemens Semiconductor Group BUP604 Datasheet HTML 2Page - Siemens Semiconductor Group BUP604 Datasheet HTML 3Page - Siemens Semiconductor Group BUP604 Datasheet HTML 4Page - Siemens Semiconductor Group BUP604 Datasheet HTML 5Page - Siemens Semiconductor Group BUP604 Datasheet HTML 6Page - Siemens Semiconductor Group BUP604 Datasheet HTML 7Page - Siemens Semiconductor Group BUP604 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
Jul-31-1996
BUP 604
Maximum Ratings
Parameter
Symbol
Values
Unit
DIN humidity category, DIN 40 040
-
E
-
IEC climatic category, DIN IEC 68-1
-
55 / 150 / 56
Thermal Resistance
Thermal resistance, chip case
RthJC
≤ 0.4
K/W
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Gate threshold voltage
VGE = VCE, IC = 0.7 mA
VGE(th)
4.5
5.5
6.5
V
Collector-emitter saturation voltage
VGE = 15 V, IC = 50 A, Tj = 25 °C
VGE = 15 V, IC = 50 A, Tj = 125 °C
VGE = 15 V, IC = 100 A, Tj = 25 °C
VGE = 15 V, IC = 100 A, Tj = 125 °C
VCE(sat)
-
-
-
-
3.3
3
2.2
2.1
-
3.8
2.8
2.7
Zero gate voltage collector current
VCE = 600 V, VGE = 0 V, Tj = 25 °C
ICES
-
-
300
µA
Gate-emitter leakage current
VGE = 25 V, VCE = 0 V
IGES
-
-
100
nA
AC Characteristics
Transconductance
VCE = 20 V, IC = 50 A
gfs
6
-
-
S
Input capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Ciss
-
2600
3600
pF
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Coss
-
280
420
Reverse transfer capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Crss
-
165
250



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com