Electronic Components Datasheet Search
  English  ▼

X  

RPD-65D Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RPD-65D
Description  65W Dual Output Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPD-65D Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RPD-65D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPD-65D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RPD-65D Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FileName:RPD-65-SPEC2011-08-19
CaseNo.946A
Unit:mm
DCOutputConnector(CN2):Molex5273-06orequivalent
PinNo.
1,2
3,4
5
6
Assignment
V1
GND
V2
NC
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
ACInputConnector(CN1):Molex5273-03orequivalent
PinNo.
1
2
3
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
MechanicalSpecification
1
3
CN1
3
1
2
CN2
5
4
6
SVR1
2
5.6
115.8
127
FS1
18CFMmin.
FAM
(60Wconvection,77WwithFAN)
OptionalL-Bracket:
No.946A-D
78
26
62
130
17
68
.6
8.2
41
.7
85
2-M
3
7.1
115
.8
6-M
3L
=4
4-M
3L
=4
Assignment
AC/L
NoPin
AC/N
BlockDiagram
fosc:65KHz
O.V.P.
CONTROL
COM
+5V
RECTIFIERS
&
FILTER
SWITCHING
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
&
RECTIFIERS
+V
FG
I/P
FILTER
EMI
Optionalcover:
No.946A-T
65WDualOutputSwitchingPowerSupply
R P D - 6 5 series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com