Electronic Components Datasheet Search
  English  ▼

X  

PSD-30 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PSD-30
Description  30W Single Output DC-DC ConverterV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PSD-30 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PSD-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PSD-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
FileName:PSD-30-SPEC2010-04-26
Unit:mm
AMBIENTTEMPERATURE(
)
100
0
-10
20
40
60
80
-20
10
20
30
40
45
(
)
HORIZONTAL
30WSingleOutputDC-DCConverter
P S D - 3 0 series
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
ING
CONTROL
O.V.P.
3.175
3
1
95.25
101.6
CN1
4-r
3.2
M1
M2
2
55
DCOutputConnector(CN2):JST B4P-VH-Borequivalent
PinNo.
1,2
3,4
Assignment
+V
-V
MatingHousing
Terminal
orequivalent
ACInputConnector(CN1):JST B3P-VH-Borequivalent
PinNo.
1
3
Assignment
MatingHousing
JST SVH-21T-P1.1
orequivalent
Terminal
DC+
DC-
JST VHR
orequivalent
JST VHR
orequivalent
JST SVH-21T-P1.1
2
NC
CN2
4
3
2
1
PSD-30A
PSD-30B-5
PSD-30C-5
PSD-30B-12/24
PSD-30C-12/24
BlockDiagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com