Electronic Components Datasheet Search
  English  ▼

X  

P00 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # P00
Description  100W Quad Output Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P00 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  P00 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P00 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. P00 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
PQ-100D
PQ-100E
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
POWERGOOD
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
5V
24V
-12V
5V
15V
12V
24V
5A
2A
0.5A
8A
0.6A
3A
0.6A
2~5A
0.4~2A
0.5~4.5A
0~1A
2~8A
0~1A
0.5~3A
0~1A
103W
99.4W
80mVp-p
180mVp-p
120mVp-p
120mVp-p
150mVp-p
120mVp-p
120mVp-p
80mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
10%
6.0%
6.0%
6.0%
6.0%
6.0%
2.0%
1.0%
1.0%
1.0%
5.0%
1.0%
1.0%
1.0%
3.0%
1.0%
1.0%
1.0%
1.0%
5.0%
3.0%
1.0%
5.0%
1200ms,50msatfullload
80msatfullload
100~264VAC141~370VDC(90~100VAC90%loadmax.)
47~63Hz
77%
74%
3A/115VAC1.5A/230VAC
COLDSTART 50A
<1mA /240VAC
105%~135% ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-10~+50
,60
withcoolingfan(Referto"DeratingCurve")
1ms
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
258.6Khrsmin.MIL-HDBK-217F(25
)
177.8*107.95*46.5mm(L*W*H)
0.56Kg;24pcs/14.5Kg/1.19CUFT
FileName:PQ-100-SPEC 2012-02-03
CH1:5.75~6.75VDC
OVERVOLTAGE
SAFETY STANDARDS
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
Complianceto
lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,11,
Features :
P Q - 1 0 0 series
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Universal AC input / Full range
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
With power good signal output(Optional)
100% full load burn-in test
Fixed switching frequency at 45KHz
2 years warranty
OUTPUTNUMBER
CH1
CH1
CH3
CH3
CH2
CH4
CH4
100WQuadOutputSwitchingPowerSupply
12V
2A
CH2
EMCIMMUNITY
EMCEMISSION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com