Electronic Components Datasheet Search
  English  ▼

X  

BUZ100SL Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BUZ100SL
Description  SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ100SL Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BUZ100SL Datasheet HTML 1Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 2Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 3Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 4Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 5Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 6Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 7Page - Siemens Semiconductor Group BUZ100SL Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
30/Jan/1998
BUZ 100 SL
SPP70N05L
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 50 A
gfs
25
-
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
2130
2660
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
600
750
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
320
400
Turn-on delay time
VDD = 30 V, VGS = 4.5 V, ID = 70 A
RG = 2.2 Ω
td(on)
-
15
25
ns
Rise time
VDD = 30 V, VGS = 4.5 V, ID = 70 A
RG = 2.2 Ω
tr
-
70
105
Turn-off delay time
VDD = 30 V, VGS = 4.5 V, ID = 70 A
RG = 2.2 Ω
td(off)
-
40
60
Fall time
VDD = 30 V, VGS = 4.5 V, ID = 70 A
RG = 2.2 Ω
tf
-
25
40
Gate charge at threshold
VDD = 40 V, ID = 0.1 A, VGS =0 to 1 V
Qg(th)
-
2.5
3.8
nC
Gate charge at 5.0 V
VDD = 40 V, ID = 70 A, VGS =0 to 5 V
Qg(5)
-
50
75
Gate charge total
VDD = 40 V, ID = 70 A, VGS =0 to 10 V
Qg(total)
-
85
130
Gate plateau voltage
VDD = 40 V, ID = 70 A
V(plateau)
-
4.1
-
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com