Electronic Components Datasheet Search
  English  ▼

X  

MSMF05LC Datasheet(PDF) 1 Page - Protek Devices

Part # MSMF05LC
Description  MULTI-LINE LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MSMF05LC Datasheet(HTML) 1 Page - Protek Devices

  MSMF05LC_11 Datasheet HTML 1Page - Protek Devices MSMF05LC_11 Datasheet HTML 2Page - Protek Devices MSMF05LC_11 Datasheet HTML 3Page - Protek Devices MSMF05LC_11 Datasheet HTML 4Page - Protek Devices MSMF05LC_11 Datasheet HTML 5Page - Protek Devices MSMF05LC_11 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05222.R4 3/11
Page 1
MSMF05LC
MuLti-Line Low CaPaCitanCe tvS aRRay
DeSCRiPtion
The MSMF05LC is a 5 Volt, low capacitance, multi-line TVS array. This device is designed to protect wireless telecom-
munications and portable electronic applications from the damaging effects of ESD and EFT. The MSMF05LC is avail-
able in a 4 line unidirectional or 3 line bidirectional configuration with a working voltage of 5 Volts and a minimum
breakdown voltage of 6 Volts. This device is rated at 25 Watts peak pulse power, which is sufficient protection for
tertiary type lightning threats at key interface locations.
Packaged in a miniature SOT-553, the MSMF05LC meets IEC 61000-4-2 (ESD) and 61000-4-4 (EFT) immunity require-
ments. Each device should be placed near a connector to provide the best protection against transients.
FeatuReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• 25 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Monolithic Design
• Available in 5 Volts
• Low Clamping Voltage
• ESD Protection > 25 kilovolts
• Low Leakage Current
• Low Capacitance: 9pF
• Protects 4 Unidirectional Lines or 3 Bidirectional Lines
• RoHS Compliant
• REACH Compliant
MeChaniCaL ChaRaCteRiStiCS
• Molded JEDEC SOT-553 Package
• Approximate Weight: 3 milligrams
• Lead-Free Nickel Paladium Gold Plating
• Solder Reflow Temperature - 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
aPPLiCationS
• Communication Systems
• SMART Phones
• Portable Electronics
• Video Interfaces
Pin ConFiGuRation
Sot-553 PaCkaGe
1
5
2
3
4


Similar Part No. - MSMF05LC_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MSMF05LC PROTEC-MSMF05LC_12 Datasheet
496Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results

Similar Description - MSMF05LC_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VSMF05LC PROTEC-VSMF05LC_11 Datasheet
493Kb / 6P
multi-line low capacitance tvs array
VSMF05LCC PROTEC-VSMF05LCC_11 Datasheet
518Kb / 6P
multi-line low capacitance tvs array
MSMF05LCC PROTEC-MSMF05LCC_11 Datasheet
517Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
PAM14ST6305LCC PROTEC-PAM14ST6305LCC Datasheet
520Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLC01-6 PROTEC-PLC01-6_11 Datasheet
639Kb / 7P
HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
MSMF05LC PROTEC-MSMF05LC_12 Datasheet
496Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
MSMF05LCC PROTEC-MSMF05LCC_12 Datasheet
518Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMP6LC05-2P PROTEC-SMP6LC05-2P_12 Datasheet
728Kb / 7P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC_12 Datasheet
497Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
VSMF05LCC PROTEC-VSMF05LCC_12 Datasheet
521Kb / 6P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com