Electronic Components Datasheet Search
  English  ▼

X  

PA2070 Datasheet(PDF) 3 Page - Protek Devices

Part # PA2070
Description  LoPro??DPDT 400MHz Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2070 Datasheet(HTML) 3 Page - Protek Devices

  PA2070 Datasheet HTML 1Page - Protek Devices PA2070 Datasheet HTML 2Page - Protek Devices PA2070 Datasheet HTML 3Page - Protek Devices PA2070 Datasheet HTML 4Page - Protek Devices PA2070 Datasheet HTML 5Page - Protek Devices PA2070 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA2070
LoPro
™ DPDT 400MHz Switch
95222 Rev.0. 06/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
AC Electrical Characteristics
TA = 40 °C to +85 °C
SYMBOL PARAMETER
CONDITIONS
VCC (V)
MIN
TYP
MAX
UNITS
tON
Turn-On Time
S, OE to Output
RL = 50Ω, CL = 5pF
VSW = 0.8V
See Figure 5, Figure 6.
3.0 to 3.6
13
30
nS
tOFF
Turn-Off Time
S, OE to Output
RL = 50Ω, CL = 5pF
VSW = 0.8V
See Figure 5, Figure 6
3.0 to 3.6
12
25
nS
tPD
Propagation Delay
(3)
RL = 50Ω, CL = 5pF
3.3
0.25
nS
tBBM
Break-Before-Make
RL = 50Ω, CL = 5pF
VSW = 0.8V
See Figure 7.
3.0 to 3.6
2.0
6.0
nS
OIRR
Off Isolation
RL = 50Ω, f = 240MHz
See Figure 9.
3.0 to 3.6
-30
dB
XTALK
Non-Adjacent Channel
Crosstalk
RL = 50Ω, f = 240MHz
See Figure 10.
3.0 to 3.6
-45
dB
RL = 50Ω, CL = 0pF
See Figure 8.
3.0 to 3.6
420
MHz
BW
-3dB Bandwidth
RL = 50Ω, CL = 5pF
See Figure 8.
3.0 to 3.6
400
MHz
Notes:
3.
Guaranteed by characterization
USB High Speed Related AC Electrical Characteristics
TA = 40 °C to +85 °C
SYMBOL PARAMETER
CONDITIONS
VCC (V)
MIN
TYP
MAX
UNITS
tSK(P)
Skew of Opposite
Transitions of the same
Output
RL = 50Ω, CL = 5pF.
3.0 to 3.6
20
pS
tJ
Total Jitter
(4)
RL = 50Ω, CL = 5pF
tR=tF=500pS (10 to 90%)
at 480Mbps (PRBS=2
15 -
1)
3.0 to 3.6
200
pS
Notes:
4.
Guaranteed by characterization
Capacitance
TA = 40 °C to +85 °C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
Control Pin Input
Capacitance
VCC = 0V
1.5
CON
D+ / D- On Capacitance
VCC = 3.3V, OE = 0V,
f=240MHz
See Figure 12
3.7
COFF
D1n, D2n Off Capacitance
VCC = 3.3V, OE = 3.3V
See Figure 11
2.0
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com