Electronic Components Datasheet Search
  English  ▼

X  

PA4201 Datasheet(PDF) 3 Page - Protek Devices

Part # PA4201
Description  Pop-Up-Noise Killer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4201 Datasheet(HTML) 3 Page - Protek Devices

  PA4201 Datasheet HTML 1Page - Protek Devices PA4201 Datasheet HTML 2Page - Protek Devices PA4201 Datasheet HTML 3Page - Protek Devices PA4201 Datasheet HTML 4Page - Protek Devices PA4201 Datasheet HTML 5Page - Protek Devices PA4201 Datasheet HTML 6Page - Protek Devices PA4201 Datasheet HTML 7Page - Protek Devices PA4201 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
PA4201
Pop-Up-Noise Killer
95020 Rev.1. 06/09 PATENT PENDING
NOT FOR USE IN LIFE SUPPORT SYSTEMS
RECOMMENDED OPERATING CONDITIONS:
DC OPERATING CONDITIONS
Unless otherwise specified, VDD=3 ± 10%, TA = Ambient Temperature = 25 °C.
Limit
Symbol
Parameter
Condition
Min
Typical
Max
Unit
VDD
Power Supply
Normal Operation
1.5
3.0
V
IDD
Supply Current
Normal Operation
1
µA
TA
Ambient Temperature
Normal Operation
-40
85
ºC
VOH
Logic High O/P Voltage
IOH=100μA
VDD-0.1
V
VOL
Logic Low O/P Voltage
IOL=-100μA
0.2
V
VIH
Logic High I/P Voltage
IIH=1μA
VDD-0.3
V
VIL
Logic Low I/P Voltage
IIL=1μA
0.3
V
VDD = 2.7V, VDFET = 0.4V
0.88
1.1
RON
FET ON Resistance
VCC = 5.5V, VDFET = 0.4V
0.55
0.66
Ω
RFLAT(ON) ON Resistance Flatness
Over Input Voltage Range
3.55
mΩ
THD
Total Harmonic Distortion
RL = 32 Ω, 30mW, f = 1kHz
.020
%
XTALK
Crosstalk (on)
F = 20kHz
-100
dB
VSIG
Analog Signal Range
Normal Operation
0.7
VRMS
MUTE OPERATING CONDITIONS
Limit
Symbol
Parameter
Condition
Min
Typical
Max
Unit
MOFFD
Mute release delay
Mute Control =VIL Set by ext.
RC network at RCS pin
10
mS
MSTD
Soft mute fall/rise time
Mute Control transitions to
VIH. Set by ext. capacitor
CEXT
1
mS
MPDEL*
Mute ON Delay
Mute control signal,
Low to High transition
1
µS
NFETV
*
NFET open drain volt
7.0
V
* Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com